Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NHSB146AHT-N3 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NHSB146AHT-N3
Description  LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NHSB146AHT-N3 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NHSB146AHT-N3 Datasheet HTML 1Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 2Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 3Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 4Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 5Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 6Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 7Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 8Page - NICHIA CORPORATION NHSB146AHT-N3 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NICHIA STS-DA1-4483A <Cat.No.170307>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
15
mA
Pulse Forward Current
IFP
30
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
48
mW
Operating Temperature
Topr
-40~110
°C
Storage Temperature
Tstg
-40~110
°C
Junction Temperature
TJ
125
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP
conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=5mA
2.9
-
V
Luminous Intensity
Iv
IF=5mA
40
-
mcd
Chromaticity Coordinate
x
-
IF=5mA
0.19
-
-
y
-
IF=5mA
0.29
-
-
Thermal Resistance
R JS_real
-
-
273
°C/W
R JS_el
-
-
265
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* Thermal resistance values (R JS_real) determined by considering the energy conversion efficiency( e=3%). Refer to JESD51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com