Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N5401RL1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5401RL1
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5401RL1 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5401RL1 Datasheet HTML 1Page - ON Semiconductor 2N5401RL1 Datasheet HTML 2Page - ON Semiconductor 2N5401RL1 Datasheet HTML 3Page - ON Semiconductor 2N5401RL1 Datasheet HTML 4Page - ON Semiconductor 2N5401RL1 Datasheet HTML 5Page - ON Semiconductor 2N5401RL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5401
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB = 0)
2N5400
2N5401
V(BR)CEO
150
−
Vdc
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
2N5400
2N5401
V(BR)CBO
160
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
−
Vdc
Collector Cutoff Current
(VCB = 120 Vdc, IE = 0)
2N5401
(VCB = 120 Vdc, IE = 0, TA = 100°C)
2N5401
ICBO
−
−
50
50
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
−
50
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 50 mAdc, VCE = 5.0 Vdc)
hFE
50
60
50
−
240
−
−
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
−
−
0.2
0.5
Vdc
Base−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
−
−
1.0
1.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
100
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
6.0
pF
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
200
−
Noise Figure
(IC = 250 mAdc, VCE = 5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz)
NF
−
8.0
dB
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
2N5401
TO−92
5000 Unit / Bulk
2N5401RL1
TO−92
2000 Tape & Reel
2N5401RLRA
TO−92
2000 Tape & Reel
2N5401RLRAG
TO−92
(Pb−Free)
2000 Tape & Reel
2N5401RLRM
TO−92
2000 Tape & Ammo Box
2N5401ZL1
TO−92
2000 Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifica-
tions Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com