Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8553 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 8553
Description  AXL E ETH DI8 DO4 2A M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8553 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  8553 Datasheet HTML 1Page - PHOENIX CONTACT 8553 Datasheet HTML 2Page - PHOENIX CONTACT 8553 Datasheet HTML 3Page - PHOENIX CONTACT 8553 Datasheet HTML 4Page - PHOENIX CONTACT 8553 Datasheet HTML 5Page - PHOENIX CONTACT 8553 Datasheet HTML 6Page - PHOENIX CONTACT 8553 Datasheet HTML 7Page - PHOENIX CONTACT 8553 Datasheet HTML 8Page - PHOENIX CONTACT 8553 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AXL E ETH DI8 DO4 2A M12 6P
8553_en_03
PHOENIX CONTACT
2
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Internal circuit diagram ............................................................................................................ 7
6
Pin assignment ........................................................................................................................ 8
7
Connection example.............................................................................................................. 10
8
Connection notes .................................................................................................................. 10
9
Configuration via rotary encoding switch ............................................................................... 11
10
Local status and diagnostic indicators ................................................................................... 13
11
Monitoring.............................................................................................................................. 15
12
Substitute value behavior ...................................................................................................... 16
13
Modbus protocols and registers ............................................................................................ 16
14
Startup ................................................................................................................................... 21
15
SNMP - Simple Network Management Protocol .................................................................... 22
16
WBM - Web-based management .......................................................................................... 22
17
Firmware update.................................................................................................................... 22
18
Quick Connect ....................................................................................................................... 22
19
Endianness............................................................................................................................ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com