Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 2N7002F
Description  TrenchMOS Logic Level FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 2N7002F Datasheet HTML 3Page - NXP Semiconductors 2N7002F Datasheet HTML 4Page - NXP Semiconductors 2N7002F Datasheet HTML 5Page - NXP Semiconductors 2N7002F Datasheet HTML 6Page - NXP Semiconductors 2N7002F Datasheet HTML 7Page - NXP Semiconductors 2N7002F Datasheet HTML 8Page - NXP Semiconductors 2N7002F Datasheet HTML 9Page - NXP Semiconductors 2N7002F Datasheet HTML 10Page - NXP Semiconductors 2N7002F Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
2N7002F
TrenchMOS™ Logic Level FET
Product data
Rev. 01 — 11 February 2002
7 of 11
9397 750 09096
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
ID = 1 mA; VDS =VGS.Tj =25 °C; VDS =5V.
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
VGS = 0 V; f = 1 MHz.
Tj =25 °C and 150 °C; VGS =0V.
Fig 11. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
Fig 12. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
!==!"
0
0.6
1.2
1.8
2.4
-60
0
60
120
180
Tj (
oC)
VGS(th)
(V)
typ
min
!==!%
10-6
10-5
10-4
10-3
10-2
10-1
0
0.6
1.2
1.8
2.4
VGS (V)
ID
(A)
typ
min
03ai18
1
10
102
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Coss
Crss
03ai17
0
0.2
0.4
0.6
0.8
0
0.4
0.8
1.2
VSD (V)
IS
(A)
Tj = 25
oC
150
oC
VGS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com