Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2PC4617M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PC4617M
Description  NPN general purpose transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PC4617M Datasheet(HTML) 3 Page - NXP Semiconductors

  2PC4617M Datasheet HTML 1Page - NXP Semiconductors 2PC4617M Datasheet HTML 2Page - NXP Semiconductors 2PC4617M Datasheet HTML 3Page - NXP Semiconductors 2PC4617M Datasheet HTML 4Page - NXP Semiconductors 2PC4617M Datasheet HTML 5Page - NXP Semiconductors 2PC4617M Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2003 Jul 15
3
Philips Semiconductors
Product specification
NPN general purpose transistors
2PC4617M series
THERMAL CHARACTERISTICS
Notes
1. Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
2. Device mounted on a FR4 printed-circuit board, single-sided copper, mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
note 1
500
K/W
note 2
290
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 30 V; IE =0
−
100
nA
VCB = 30 V; IE = 0; Tj = 150 °C
−
5
µA
IEBO
emitter-base cut-off current
VEB =4V; IC =0
−
100
nA
hFE
DC current gain
VCE =6V; IC =1mA
2PC4617QM
120
270
2PC4617RM
180
390
2PC4617SM
270
560
VCEsat
collector-emitter saturation voltage
IC = 50 mA; IB = 5 mA; note 1
−
200
mV
Cc
collector capacitance
IE =ie = 0; VCB = 12 V; f = 1 MHz
−
1.5
pF
fT
transition frequency
VCE = 12 V; IC = 2 mA;
f = 100 MHz
100
−
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com