Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS6264LLFPI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS6264LLFPI
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLFPI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS6264LLFPI Datasheet HTML 1Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 2Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 1.0
2
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
23
17
15
16
20
18
19
22
21
25
24
26
28
27
A11
DQ5
DQ4
DQ3
CE1
DQ7
DQ6
A10
OE
CE2
A9
A8
WE
VCC
A4
DQ1
GND
DQ2
A1
DQ0
A0
A3
A2
A6
A5
A7
NC
A12
28L SOP
28L PDIP
FUNCTIONAL BLOCK DIAGRAM
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264
128 x512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com