Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK20200CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # AK20200CT
Description  Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

AK20200CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  AK20200CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited AK20200CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Fast Recovery Rectifier
AK20200CT
FEATURES
·
Popular TO-220 package
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
·
General purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current Per Leg
Total device
10
20
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
100
A
PD
Maximum power dissipation
75
W
TJ
Junction Temperature
-65~150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - AK20200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK20 ETC2-AK20 Datasheet
190Kb / 1P
Additional Support and Holders
logo
Shanghai Leiditech Elec...
AK20-066C LEIDITECH-AK20-066C Datasheet
950Kb / 4P
TRANSIENT VOLTAGE SUPPRESSION DIODES
AK20-66C LEIDITECH-AK20-66C Datasheet
950Kb / 4P
TRANSIENT VOLTAGE SUPPRESSION DIODES
AK20-66C-12 LEIDITECH-AK20-66C-12 Datasheet
950Kb / 4P
TRANSIENT VOLTAGE SUPPRESSION DIODES
logo
LEM
AK200B10 LEM-AK200B10 Datasheet
202Kb / 2P
AC Current transducer
More results

Similar Description - AK20200CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com