Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-C171UBKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-C171UBKT
Description  Super thin (0.80H mm) Chip LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C171UBKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-C171UBKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C171UBKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C171UBKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C171UBKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C171UBKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C171UBKT Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
       
     
   !




))+,,-./)
- 
"!#$ 
%&

" '(! 
)# **+" 
,

 (! 
%

# -. (%°C
&
)°
/01 -
&
1
2  # -34

1
5$ -$ / -
6 78
  -$ / -
6% 7
0- 
9°(&
:; - 
9°(&
1 $" - 
&°(%4 

 
 -0   - -  < *;"  !  2#
-- ://;! 

  *0))+,,-./)
06%1
.*+2+,3,4(5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com