Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5447EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD5447EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5447EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD5447EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD5428/AD5440/AD5447
Rev. D | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
R/W
CS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IOUTA
RFBA
VREFA
DB7
DAC A/B
DGND
AGND
RFBB
VREFB
VDD
DB0 (LSB)
DB4
DB5
DB6
DB3
DB2
DB1
IOUTB
AD5428
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration 20-Lead TSSOP (RU-20)
Table 4. AD5428 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AGND
DAC Ground Pin. This pin should typically be tied to the analog ground of the system, but can be biased to
achieve single-supply operation.
2, 20
IOUTA, IOUTB
DAC Current Outputs.
3, 19
RFBA, RFBB
DAC Feedback Resistor Pins. These pins establish voltage output for the DAC by connecting to an external
amplifier output.
4, 18
VREFA, VREFB
DAC Reference Voltage Input Terminals.
5
DGND
Digital Ground Pin.
6
DAC A/B
Selects DAC A or DAC B. Low selects DAC A; high selects DAC B.
7 to14
DB7 to DB0
Parallel Data Bits 7 Through 0.
15
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to read
data from the DAC register.
16
R/W
Read/Write. When low, used in conjunction with CS to load parallel data. When high, used in conjunction with
CS to read back contents of the DAC register.
17
VDD
Positive Power Supply Input. This part can be operated from a supply of 2.5 V to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com