Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS3112N Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS3112N
Description  TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3112N Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS3112N Datasheet HTML 17Page - Dallas Semiconductor DS3112N Datasheet HTML 18Page - Dallas Semiconductor DS3112N Datasheet HTML 19Page - Dallas Semiconductor DS3112N Datasheet HTML 20Page - Dallas Semiconductor DS3112N Datasheet HTML 21Page - Dallas Semiconductor DS3112N Datasheet HTML 22Page - Dallas Semiconductor DS3112N Datasheet HTML 23Page - Dallas Semiconductor DS3112N Datasheet HTML 24Page - Dallas Semiconductor DS3112N Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
DS3112
21 of 135
2.4 T3/E3 Transmit Formatter Signal Description
Signal Name:
FTSOF
Signal Description:
T3/E3 Trans mit Formatter Start Of Frame Sync Signal
Signal Type:
Output/Input
This signal can be configured via the FTSOFC control bit in Master Control Register 1 to be either an
output or an input. When this signal is an output, it pulses for one FTCLK period to indicate a T3 or E3
frame boundary (Figure 2.4A). When this signal is an input, it is sampled to set the transmit T3 or E3
frame boundary (Figure 2.4A). This signal can be configured via the FTSOFI control bit in Master
Control Register 3 (Section 4.2) to be either active high (normal mode) or active low (inverted mode).
Signal Name:
FTCLK
Signal Description:
T3/E3 Transmit Formatter Clock
Signal Type:
Input
An accurate T3 (44.736MHz ±20ppm) or E3 (34.368MHz ±20ppm) clock should be applied at this signal.
This signal is used to clock data into the transmit T3/E3 formatter. Transmit data can be clocked into the
device either on a rising edge (normal mode) or a falling edge (inverted mode). This option is controlled
via the FTCLKI control bit in Master Control Register 3 (Section 4.2).
Signal Name:
FTD
Signal Description:
T3/E3 Transmit Formatter Serial Data
Signal Type:
Input
This signal inputs data into the transmit T3/E3 formatter. This signal can be sampled either on the rising
edge of FTCLK (normal mode) or the falling edge of FTCLK (inverted mode). This option is controlled
via the FTCLKI control bit in Master Control Register 3 (Section 4.2). Also, the data input to this signal
can be internally inverted if enabled via the FTDI control bit in Master Control Register 3 (Section 4.2).
When T3 C-Bit Parity Mode is disabled, C Bits are sampled at this input. This signal is ignored when the
M13/E13 multiplexer is enabled. (See the UNCHEN control bit in Master Control Register 1.) If not
used, this signal should be tied low.
Signal Name:
FTDEN
Signal Description:
T3/E3 Transmit Formatter Serial Data Enable or Gapped Clock Output
Signal Type:
Output
Via the DENMS control bit in Master Control Register 1, this signal can be configured to either output a
data enable or a gapped clock. In the data enable mode, this signal will go active when payload data
should be made available at the FTD input. In the gapped clock mode, this signal will act as a demand
clock for the FTD input and it will transition for each bit of payload data needed at the FTD input and it
will be suppressed when the transmit formatter inserts overhead data and hence no data is needed at the
FTD input. In the T3 Mode, overhead data is defined as the M Bits, F Bits, C Bits, X Bits, and P Bits. In
the E3 Mode, overhead data is defined as the FAS word, RAI Bit and Sn Bit (i.e., bits 1 to 12). See Figure
2.4A for an example. his signal can be internally inverted if enabled via the FTDENI control bit in
Master Control Register 3 (Section 4.2). This signal operates in the same manner even when the device is
configured in the Transmit Pass Through mode (see the TPT control bit in the T3/E3 Control Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com