Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L0806B1R0JSWST Datasheet(PDF) 1 Page - Kemet Corporation

Part # L0806B1R0JSWST
Description  KEMET, L-SWS, RF, 1000 nH, 5%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0806B1R0JSWST Datasheet(HTML) 1 Page - Kemet Corporation

  L0806B1R0JSWST Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: L0806B1R0JSWST
KEMET, L-SWS, RF, 1000 nH, 5%
Dimensions
Chip Size
0806
L
2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.2mm
LL
0.5mm +/-0.2mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 2000
General Information
Series: L-SWS
Style: SMD Chip
RoHS: Yes
Specifications
Inductance: 1 uH (7.96 MHz)
Inductance Tolerance: 5%
Current: 385 mAmps (MAX)
DC Resistance: 0.38 Ohms
Self-Resonant Frequency: 220 MHz MIN
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/26/2018 - 811e520d-01b2-4260-945a-ae7f790337f7


Similar Part No. - L0806B1R0JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B1R0MDWST KEMET-L0806B1R0MDWST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
More results

Similar Description - L0806B1R0JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B1R8JSWST KEMET-L0806B1R8JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 1800 nH, 5%
L0806B2R2JSWST KEMET-L0806B2R2JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 2200 nH, 5%
L0806B3R9JSWST KEMET-L0806B3R9JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 3900 nH, 5%
L0806B6R8JSWST KEMET-L0806B6R8JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 6800 nH, 5%
L0806B8R2JSWST KEMET-L0806B8R2JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 8200 nH, 5%
L0806BR12JSWST KEMET-L0806BR12JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 120 nH, 5%
L0806BR22JSWST KEMET-L0806BR22JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 220 nH, 5%
L0806BR33JSWST KEMET-L0806BR33JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 330 nH, 5%
L0806BR47JSWST KEMET-L0806BR47JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 470 nH, 5%
L0806BR82JSWST KEMET-L0806BR82JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 820 nH, 5%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com