Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS2-2VP/42C Datasheet(PDF) 3 Page - Hirose Electric

Part # PS2-2VP/42C
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2-2VP/42C Datasheet(HTML) 3 Page - Hirose Electric

  PS2-2VP/42C Datasheet HTML 1Page - Hirose Electric PS2-2VP/42C Datasheet HTML 2Page - Hirose Electric PS2-2VP/42C Datasheet HTML 3Page - Hirose Electric PS2-2VP/42C Datasheet HTML 4Page - Hirose Electric PS2-2VP/42C Datasheet HTML 5Page - Hirose Electric PS2-2VP/42C Datasheet HTML 6Page - Hirose Electric PS2-2VP/42C Datasheet HTML 7Page - Hirose Electric PS2-2VP/42C Datasheet HTML 8Page - Hirose Electric PS2-2VP/42C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PS2 Series●High Current Connector
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Connector
PS2 − 2 W P / 6C / 6C
❶❷
❸
❹
❺
❻
●Crimp Case
PS2 − 6
PC
❶❼
❽
●Crimp Contact
PS2 − 1618 P C F A
❶
❾
❹
❶ Series name
❷ No. of power contacts
❸ R : 100A
V
: 200A
W
: 300A
❹ P : Male
S : Female
❺ Signal contact block 1
❻ Signal contact block 2
❼ No. of signal contacts
❽PC : Male crimp case
SC : Female crimp case
❾ Applicable wires of signal contact 16-18 AWG
Crimp contact
F : Reel contacts
  None: Loose piece contacts
Gold plating
■Functional Diagram
●100A type
PS2-9PC
PS2-2RP/9C/9C
PS2-9SC
PS2-2RS/9C/9C
PQ50S-1822SCFA or
PQ50S-1822SCA or
PQ50S-2428SCFA or
PQ50S-2428SCA
PQ50SA-1822PCFA or
PQ50SA-1822PCA or
PQ50SA-2428PCFA or
PQ50SA-2428PCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com