Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM13Q Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM13Q Datasheet HTML 5Page - OKI electronic componets MSM13Q Datasheet HTML 6Page - OKI electronic componets MSM13Q Datasheet HTML 7Page - OKI electronic componets MSM13Q Datasheet HTML 8Page - OKI electronic componets MSM13Q Datasheet HTML 9Page - OKI electronic componets MSM13Q Datasheet HTML 10Page - OKI electronic componets MSM13Q Datasheet HTML 11Page - OKI electronic componets MSM13Q Datasheet HTML 12Page - OKI electronic componets MSM13Q Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MSM13Q0000/14Q0000 s
7
Oki Semiconductor
MACRO LIBRARY
Oki Semiconductor supports a wide range of macrocells and macrofunctions, ranging from simple hard
macrocells for basic Boolean operations to large, user-parameterizable macrofunctions. The following
figure illustrates the main classes of macrocells and macrofunctions available.
Examples
[1] Under development
Figure 3. Oki Macrocell and Macrofunction Library
Macro Library
Macrocells
Basic Macrocells
Basic Macrocells
with Scan test
Clock Tree Driver
Macrocells
3V, 5V Tolerant
Output Macrocells
MSI Macrocells
Mega/Special
Macrocells [1]
3-V, 5-V Tolerant
Input Macrocells
3-V, 5-V Tolerant
Bi-Directional
Macrocells
MSI
Macrofunctions
Oscillator
Macrocells
Macrofunctions
NANDs
NORs
EXORs
Latches
Flip-Flops
3-State Outputs
Push-Pull Outputs
PECL Outputs
Counters
Shift Registers
UART
PLL
Inputs
Inputs with Pull-Ups
Gated Oscillators
Open Drain Outputs
Slew Rate Control Outputs
PCI Outputs
Inputs with Pull-Downs
PECL Inputs
I/O
PCI I/O
I/O with Pull-Downs
I/O with Pull-Ups
CBA RAMs:
Single-Port RAMs (asynchronous or synchronous)
Dual-Port RAMs (asynchronous)
Memory
Macrocells
Flip-Flops
Combinational Logic
USB Controller
Ethernet Controller
4-Bit Register/Latches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com