Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD10060A Datasheet(PDF) 5 Page - Cree, Inc

Part # CSD10060A
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD10060A Datasheet(HTML) 5 Page - Cree, Inc

  CSD10060A Datasheet HTML 1Page - Cree, Inc CSD10060A Datasheet HTML 2Page - Cree, Inc CSD10060A Datasheet HTML 3Page - Cree, Inc CSD10060A Datasheet HTML 4Page - Cree, Inc CSD10060A Datasheet HTML 5Page - Cree, Inc CSD10060A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CSD10060Rev.S
POS
Inches
Millimeters
Min
Max
Min
Max
A
.381
.410
9.677
10.414
B
.235
.255
5.969
6.477
C
.100
.120
2.540
3.048
D
.223
.337
5.664
8.560
E
.590
.615
14.986
15.621
F
.143
.153
3.632
3.886
G
1.105
1.147
28.067
29.134
H
.500
.550
12.700
13.970
J
R0.197
R0.197
L
.025
.036
.635
.914
M
.045
.055
1.143
1.397
N
.195
.205
4.953
5.207
P
.165
.185
4.191
4.699
Q
.048
.054
1.219
1.372
S
3°
6°
3°
6°
T
3°
6°
3°
6°
U
3°
6°
3°
6°
V
.094
.110
2.388
2.794
W
.014
.025
.356
.635
X
3°
5.5°
3°
5.5°
Y
.385
.410
9.779
10.414
z
.130
.150
3.302
3.810
NOTE:
1. DimensionL,M,WapplyforSolderDip
Finish
A
C
E
D
G
H
B
J
L
M
N
F
P
Q
S
T
U
V
W
X
Y
M in
M ax
M in
M ax
A
.395
.410
10.033
10.414
B
.235
.255
5.969
6.477
C
.102
.112
2.591
2.845
D
.337
.337
8.560
8.560
E
.590
.610
14.986
15.494
F
.149
.153
3.785
3.886
G
1.127
1.147
28.626
29.134
H
.530
.550
13.462
13.970
J
L
.028
.036
.711
.914
M
.045
.055
1.143
1.397
N
.195
.205
4.953
5.207
P
.170
.180
4.318
4.572
Q
.048
.054
1.219
1.371
S
3°
5°
3°
5°
T
3°
5°
3°
5°
U
3°
5°
3°
5°
V
.100
.110
2.54
2.794
W
.014
.021
.356
.533
X
3°
5°
3°
5°
Y
.395
.410
10.033
10.414
Z
.130
.150
3.302
3.810
Inches
M illim eters
P OS
R 0.010
R 0.254
1 2
Z
Package Dimensions
PackageTO-220-2
PIN1
PIN2
CASE
Note:
*Tab“E”maynotbepresent
Package Dimensions
PackageTO-263-2
PIN1
PIN2
CASE
*
POS
Inches
Millimeters
Min
Max
Min
Max
A
.396
.406
10.058
10.312
B
.297
.303
7.544
7.696
C
.057
.063
1.448
1.600
D
.237
.243
6.015
6.167
E*
0.00
.070
0.00
1.778
F
.048
.062
1.219
1.575
G
.100 TYP
2.540TYP
H
.335
.345
8.509
8.763
J
.028
.034
.711
.864
K
2˚
4˚
2˚
4˚
L
.170
.180
4.318
4.572
M
.048
.052
1.219
1.321
N
.595
.615
15.113
15.621
P
0.00
0.10
0.00
.254
Q
R0.018
TYP
R0.022
TYP
R0.457
TYP
R0.559
TYP
R
.090
.110
2.286
2.794
S
.013
.017
.330
.432
T
6.5˚
8.5˚
6.5˚
8.5˚
U
.103
.107
2.616
2.718
V
R0.028
TYP
R0.032
TYP
R0.711
TYP
R0.813
TYP
W
—
5.0˚
—
5.0˚



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com