Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR032FB60ZB6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58WR032FB60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FB60ZB6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58WR032FB60ZB6 Datasheet HTML 32Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 33Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 34Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 35Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 36Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 37Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 38Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 39Page - STMicroelectronics M58WR032FB60ZB6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
M58WR032FT, M58WR032FB
36/86
PROGRAM AND ERASE TIMES AND ENDURANCE CYCLES
The Program and Erase times and the number of
Program/ Erase cycles per block are shown in Ta-
ble 14. Exact erase times may change depending
on the memory array condition. The best case is
when all the bits in the block or bank are at ‘0’ (pre-
programmed). The worst case is when all the bits
in the block or bank are at ‘1’ (not prepro-
grammed). Usually, the system overhead is negli-
gible with respect to the erase time.
In the M58WR032FT/B the maximum number of
Program/ Erase cycles depends on the VPP volt-
age supply used.
Table 14. Program/Erase Times and Endurance Cycles
Parameter
Condition
Min
Typ
Typical after
100k W/E
Cycles
Max
Unit
Erase
Parameter Block (4 KWord)(2)
0.3
1
2.5
s
Main Block (32
KWord)
Preprogrammed
0.8
3
4
s
Not Preprogrammed
1.1
4
s
Bank (4Mbit)
Preprogrammed
3
s
Not Preprogrammed
4.5
s
Program(3)
Word
10
10
100
µs
Parameter Block (4 KWord)
32
ms
Main Block (32 KWord)
256
ms
Suspend Latency
Program
5
10
µs
Erase
5
20
µs
Program/Erase
Cycles (per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com