Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W008EB70N1F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M29W008EB70N1F
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008EB70N1F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M29W008EB70N1F Datasheet HTML 14Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 15Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 16Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 17Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 18Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 19Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 20Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 21Page - STMicroelectronics M29W008EB70N1F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
4 Command interface
M29W008ET, M29W008EB
18/43
Table 3.
Commands
Command(1)
1.
Commands not interpreted in this table will default to read array mode.
Bus Write Operations(2)(3)
2.
X = Don't Care. PA = Program Address, PD = Program Data, BA = Block Address, AB = Additional Block.
3.
For Coded cycles address inputs A15-A19 are don't care.
1st
2nd
3rd
4th
5th
6th
7th
Add Data
Add
Data Add Data Add Data
Add
Data Add Data Add Data
Read/Reset(4)(5)
4.
A wait of tPLYH is necessary after a Read/Reset command if the memory was in an Erase or Program mode before starting
any new operation (see
Table 10: Read AC Characteristics).
5.
The first cycles of the Read/Reset and Auto Select commands are followed by read operations. Any number of read cycles
can occur after the command cycles.
1
+
X
F0h
Read Memory Array until a new write cycle is initiated.
3
+
555h AAh
2AAh
55h
555h
F0h
Read Memory Array until a new write cycle is
initiated.
Auto Select(5)
3
+
555h AAh
2AAh
55h
555h
90h
Read Electronic Signature or Block Protection Status
until a new write cycle is initiated. (6)(7)
6.
Signature Address bits A0, A1, at VIL will output the Manufacturer Code (20h). Address bits A0 at VIH and A1, at VIL will
output the Device Code.
7.
Block Protection Address: A0, at VIL, A1 at VIH and A13-A19 within the Block will output the Block Protection status.
Program
4 555h AAh
2AAh
55h
555h
A0h
PA
PD
Read Data Polling or Toggle Bit until
Program completes.
Unlock Bypass
3 555h AAh
2AAh
55h
555h
20h
Unlock Bypass
Program
2X
A0h
PA
PD
Unlock Bypass
Reset
2X
90h
X
00h
Chip Erase
6 555h AAh
2AAh
55h
555h
80h
555h AAh
2AAh
55h
555h
10h
(8)
8.
Read Data Polling, Toggle bits or RB until Erase completes.
Block Erase
6
+
555h AAh
2AAh
55h
555h
80h
555h AAh
2AAh
55h
BA
30h
AB
(9)
9.
Optional, Additional Block (AB) addresses must be entered within the erase time-out delay after last write entry, time-out
status can be verified through DQ3 value (see Erase Timer Bit DQ3 description). When full command is entered, read Data
Polling or Toggle bit until Erase has completed or is suspended.
30h
Erase
Suspend(10)
10. During Erase Suspend, Read and Data Program functions are allowed in blocks not being erased.
1X
B0h
Read until Toggle stops, then read all the data needed from any Block(s) not
being erased then Resume Erase.
Erase Resume
1
X
30h
Read Data Polling or Toggle Bits until Erase completes or Erase is suspended
another time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com