Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LV2463G-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV2463G-SM2-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2463G-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LV2463G-SM2-R Datasheet HTML 1Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 2Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 3Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 4Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 5Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 6Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 7Page - Unisonic Technologies LV2463G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LV2462/2463
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R105-042.e
FAMILY OF LOW-POWER
RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
DESCRIPTION
The UTC LV2462/LV2463 are dual low-power rail-to-rail
input/output op amplifiers with low supply current (500uA/op) and
low voltage (2.7-6V), that can be designed into a wide range of
applications. The UTC LV2463 offers a shutdown terminal, which
places the amplifier in an ultralow supply current mode (ICC=
0.3μA/ch).
The UTC LV2462/LV2463 have a guaranteed 1.6 V/µs slew
rate and low supply current. rail-to-rail output and high output
current
make the IC's ideal for buffering analog-to-digital
converters. And the input common-mode voltage range including
ground and VCC. Besides, they are also able to driving large
capacitive loads.
Good AC performance can be provided because of 6.4MHz of
bandwidth and 1.6 V/μs of slew rate. Furthermore, low input noise
voltage (11nV/ Hz ) and low input offset voltage (100μV) make
good DC performance.
FEATURES
* Rail-to-Rail Output Swing
* Gain Bandwidth Product: 6.4 MHz
* ±48mA Output Drive Capability(VCC=5V)
* Supply Current: 500μA/channel
* Input Offset Voltage: 100μV
* Input Noise Voltage: 11nV/ Hz
* Slew Rate: 1.6V/μs
* Universal Operational Amplifier
* Micropower shutdown mode (LV2463)
0.3μA/channel
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LV2462L-S08-R
LV2462G-S08-R
SOP-8
Tape Reel
LV2462L-SM1-R
LV2462G-SM1-R
MSOP-8
Tape Reel
LV2463L-SM2-R
LV2463G-SM2-R
MSOP-10
Tape Reel


Similar Part No. - LV2463G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2460G-AG6-R UTC-LV2460G-AG6-R Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2460L-AG6-R UTC-LV2460L-AG6-R Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2461G-AF5-R UTC-LV2461G-AF5-R Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2461L-AF5-R UTC-LV2461L-AF5-R Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LV2463G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com