Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM2421AECADJR Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM2421AECADJR
Description  PWM STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2421AECADJR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM2421AECADJR Datasheet HTML 2Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 3Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 4Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 5Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 6Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 7Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 8Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 9Page - Diodes Incorporated PAM2421AECADJR Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PAM2421/ PAM2422/ PAM2423
Document number: DS36383 Rev. 2 - 2
8 of 10
www.diodes.com
January 2016
© Diodes Incorporated
PAM2421/ PAM2422/ PAM2423
Ordering Information
PAM242x X X X xxx X
Pin Configuration
C: 8
A Type
E:SO-8EP
ADJ: Adjustable
Package Type
Number of Pins
Output Voltage
Shipping Package
R: Tape & Reel
Marking Information
Part Number
Peak Current
Package Code
Part Marking
13
’' Tape and Reel
Quantity
Part Number Suffix
PAM2421AECADJR
3A
E
SO-8EP
2500/Tape & Reel
R
PAM2422AECADJR
4.5A
E
SO-8EP
2500/Tape & Reel
R
PAM2423AECADJR
5.5A
E
SO-8EP
2500/Tape & Reel
R
A: Type A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com