Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCCS20B505PRBLE Datasheet(PDF) 4 Page - AVX Corporation

Part # SCCS20B505PRBLE
Description  New Low ESR Cylindrical SuperCapacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCCS20B505PRBLE Datasheet(HTML) 4 Page - AVX Corporation

  SCCS20B505PRBLE Datasheet HTML 1Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 2Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 3Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 4Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 5Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 6Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 7Page - AVX Corporation SCCS20B505PRBLE Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
082418
Cap (F)
D (mm)
L (mm)
P (mm)
120
22
52
8.5
220
30
52
10.5
D (mm)
L (mm)
25
50
D (mm)
L (mm)
35
71
35
85
Style
B (mm)
A1
4
C1
2
D (mm)
L (mm)
35
68
Solder Temperature
(ºC)
Suggested Solder
Time (s)
Maximum Solder
Time (s)
220
7
9
240
7
9
250
5
7
260
3
5
D (mm) P (mm) d(mm)
8
3.5
0.6
10
5.5
0.6
16
7.5
0.8
18
0.8
0.8
SCC LE Series SuperCapacitors
New Low ESR Cylindrical SuperCapacitors
MECHANICAL SPECIFICATIONS
Solder Pin Type 2-pin 120F, 220F parts
Solder Pin Type 2-pin 180F part
Solder Pin Type 4-pin 400F part
SOLDERING RECOMMENDATIONS
When soldering SuperCapacitors to a PCB, the temperature &
time that the body of the SuperCapacitor sees during soldering can
have a negative effect on performance. We advise following these
guidelines:
• Do not immerse the SuperCapacitors in solder. Only the leads
should come in contact with the solder.
• Ensure that the body of the SuperCapacitor is never in contact with
the molten solder, the PCB or other components during soldering.
• Excessive temperatures or excessive temperature cycling during
soldering may cause the safety vent to burst or the case to shrink
or crack, potentially damaging the PCB or other components, and
significantly reduce the life of the capacitor.
HAND SOLDERING
Keep distance between the SuperCapacitor body and the tip of
the soldering iron and the tip should never touch the body of the
capacitor. Contact between SuperCapacitor body and soldering iron
will cause extensive damage to the SuperCapacitor, and change
its electrical properties. It is recommended that the soldering iron
temperature should be less than 350°C, and contact time should be
Radial Lead Type
Weldable Pin Type 2-pin 400F, 600F parts
Radial Bent Lead Type
REFLOW SOLDERING
Infrared or conveyor over reflow techniques can be used on these
SuperCapacitors. Do not use a traditional reflow oven without
clear rated reflow temperature for SuperCapacitors.
limited to less than 4 seconds. Too much exposure to terminal heat
during soldering
can cause heat to transfer to the body of the
SuperCapacitor, potentially damaging the electrical properties of
the SuperCapacitor.
WAVE SOLDERING
Only use wave soldering on Radial type SuperCapacitors. The
PCB should be preheated only from the bottom and for less than
60 seconds, with temperature at, or below, 100°C on the top side
of the board for PCBs equal to or greater than 0.8 mm thick.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com