Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCCW50B127SSBLE Datasheet(PDF) 7 Page - AVX Corporation

Part # SCCW50B127SSBLE
Description  New Low ESR Cylindrical SuperCapacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCCW50B127SSBLE Datasheet(HTML) 7 Page - AVX Corporation

  SCCW50B127SSBLE Datasheet HTML 1Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 2Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 3Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 4Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 5Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 6Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 7Page - AVX Corporation SCCW50B127SSBLE Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
082418
7
SCC LE Series SuperCapacitors
New Low ESR Cylindrical SuperCapacitors
SAFETY RECOMMENDATIONS
Warnings
• To Avoid Short Circuit, after usage or test, SuperCapacitor
voltage needs to discharge to ≤ 0.1V
• Do not Apply Overvoltage, Reverse Charge, Burn or Heat
Higher than 150°C, explosion-proof valve may break open
• Do not Press, Damage or disassemble the SuperCapacitor,
housing could heat to high temperature causing Burns
• If you observe Overheating or Burning Smell from the
capacitor disconnect Power immediately, and do not touch
Emergency Applications
• If Housing is Leaking:
• Skin Contact: Use soap and water thoroughly to wash
the area of the skin
• Eye Contact: Flush with flowing water or saline, and
immediately seek medical treatment
• Ingestion: Immediately wash with water and seek
medical treatment
Transportation
Not subjected to US DOT or IATA regulations
UN3499, <10Wh, Non-Hazardous Goods
International shipping description –
“Electronic Products – Capacitor”
Licenced by CAP-XX
Regulatory
• UL 810A
• RoHS Compliant
• Reach Compliant / Halogen Free
Storage
• Capacitors may be stored within the operating temperature range
of the capacitor
• Lower storage temperature is preferred as it extends the shelf life
of the capacitor
• Do Not Store the SuperCapacitors in the following Environments
• High Temperature / High Humidity environments
>70°C / 40% RH
• Direct Sunlight
• In direct contact with water, salt oil or other chemicals
• In direct contact with corrosive materials, acids, alkalis, or
toxic gases
• Dusty environment
• In environment with shock and vibration conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com