Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCCY1KB707SLBLE Datasheet(PDF) 1 Page - AVX Corporation

Part # SCCY1KB707SLBLE
Description  New Low ESR Cylindrical SuperCapacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCCY1KB707SLBLE Datasheet(HTML) 1 Page - AVX Corporation

  SCCY1KB707SLBLE Datasheet HTML 1Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 2Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 3Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 4Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 5Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 6Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 7Page - AVX Corporation SCCY1KB707SLBLE Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
082418
1
SCC LE Series SuperCapacitors
New Low ESR Cylindrical SuperCapacitors
HOW TO ORDER
SCC
Series
SuperCap
Cylindrical
W
Diameter
R = 8mm
S = 10mm
U = 16mm
V = 18mm
W = 22mm
N = 25mm
X = 30mm
Y = 35mm
50
Case Length
Two digits
represent case
length in mm,
1K = 105mm
1A = 115mm
B
Voltage
Code
B = 2.7V
QUALITY INSPECTION
Parts are tested for Life Cycle, high
temperature load life, temperature
characteristics, vibration resistance,
and humidity characteristics. See page
2 for more information.
The new series of cylindrical electrochemical double-layer capacitors offers
excellent pulse power handling characteristics based on the combination of very
high capacitance and very low ESR. Used by themselves or in conjunction with
primary or secondary batteries, they provide extended back up time, longer
battery life, and provide instantaneous power pulses as needed. Offers great
solutions to Hold Up, Energy Harvesting, and Pulse Power Applications.
FEATURES
• Cap Values from 3.3F - 850F
• High pulse power capability
• Low ESR
• Low Leakage Current
127
S
Tolerance
P = +100%/-0%
S = +30%/-10%
S
Lead Format
R = Radial
S = Solder Pin
L = Weldable Pin
APPLICATIONS
• Power Holdup Modules
• Energy Harvesting
• UPS/Industrial
• Robotic Power
• High Pulse Current Applications
B
Package
B = Bulk
T = Tray**
LE
Series Code
LE = Low ESR
TERMINATION
These SuperCapacitors are compatible with
hand soldering, as well as reflow and wave
soldering processes, so long as appropriate
precautions are followed. See page 4 for
more information.
–
Custom Code
A1= 4mm Bent Leads*
C1 = 2mm Bent Leads*
OPERATING
TEMPERATURE
-40°C to +65°C @ 2.7V
-40°C to +85°C @ 2.3V
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
Capacitance Code
1st two digits
represent significant
figures 3rd digit
represents multiplier
(number of zeros to
follow)
* Inquire about availability for Radial Leads only
**Inquire about availability


Similar Part No. - SCCY1KB707SLBLE

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
SCCY12B105PCAA1 KSS-SCCY12B105PCAA1 Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCY12B105PCAC1 KSS-SCCY12B105PCAC1 Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCY12B105PCBA1 KSS-SCCY12B105PCBA1 Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCY12B105PCBC1 KSS-SCCY12B105PCBC1 Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCY12B105PCTA1 KSS-SCCY12B105PCTA1 Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
More results

Similar Description - SCCY1KB707SLBLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
PB-5R0V104-R COOPER-PB-5R0V104-R_15 Datasheet
365Kb / 2P
5.0 volt cylindrical supercapacitors
logo
Eaton All Rights Reserv...
A0820-2R5474-R EATON-A0820-2R5474-R Datasheet
1Mb / 3P
A Supercapacitors Cylindrical cells
PA-5R0V224-R EATON-PA-5R0V224-R Datasheet
319Kb / 3P
PA Supercapacitors Cylindrical pack
logo
Kyocera Kinseki Corpota...
SCC-3.0V KSS-SCC-3.0V Datasheet
666Kb / 8P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCC KSS-SCC Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
BZ01 KSS-BZ01 Datasheet
3Mb / 32P
BestCap® Ultra-low ESR High Power Pulse Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com