Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS672LSB-HN Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS672LSB-HN
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HN Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS672LSB-HN Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-HN Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 12 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
SB PACKAGE DRAWING
Tolerances unless otherwise specified: 1 place ±0.1 mm, 2 places ±0.05 mm
NOTE: Nominal dimensions and tolerances dependent on package material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com