Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8-SW-PE2 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-PE2
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-PE2 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button COP8-SW-PE2 Datasheet HTML 16Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 17Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 18Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 19Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 20Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 21Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 22Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 23Page - National Semiconductor (TI) COP8-SW-PE2 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
10.0 Functional Description
(Continued)
WATCHDOG (if enabled):
The device comes out of reset with both the WATCHDOG
logic and the Clock Monitor detector armed, with the
WATCHDOG service window bits set and the Clock Moni-
tor bit set. The WATCHDOG and Clock Monitor circuits
are inhibited during reset. The WATCHDOG service win-
dow bits being initialized high default to the maximum
WATCHDOG service window of 64k T0 clock cycles. The
Clock Monitor bit being initialized high will cause a Clock
Monitor error following reset if the clock has not reached
the minimum specified frequency at the termination of
reset. A Clock Monitor error will cause an active low error
output on pin G1. This error output will continue until
16–32 T0 clock cycles following the clock frequency
reaching the minimum specified value, at which time the
G1 output will go high.
10.7.1 External Reset
The RESET input, when pulled low, initializes the device.
The RESET pin must be held low for a minimum of one
instruction cycle to guarantee a valid reset.
RESET may also be used to cause an exit from the HALT
mode.
A recommended reset circuit for this device is shown in
Figure 8.
10.7.2 On-Chip Brownout Reset
The device generates an internal reset as V
CC rises. While
V
CC is less than the specified brownout voltage (Vbor), the
device is held in the reset condition and the Idle Timer is
preset with 00Fx (240–256 t
C). When VCC reaches a value
greater than V
bor, the Idle Timer starts counting down. Upon
underflow of the Idle Timer, the internal reset is released and
the device will start executing instructions. This internal reset
will perform the same functions as external reset. Once V
CC
is above V
bor, and this initial Idle Timer time-out takes place,
instruction execution begins and the Idle Timer can be used
normally. If, however, V
CC drops below Vbor, an internal reset
is generated, and the Idle Timer is preset with 00Fx. The
device now waits until V
CC is greater than Vbor and the
countdown starts over. The functional operation of the device
is guaranteed down to the V
bor level.
One exception to the above is that the brownout circuit will
insert a delay of approximately 3 ms on power up or any time
the V
CC drops below a voltage of about 1.8V. The device will
be held in Reset for the duration of this delay before the Idle
Timer starts counting the 240 to 256 t
C. This delay starts as
soon as the V
CC rises above the trigger voltage (approxi-
mately 1.8V). This behavior is shown in Figure 9.
In Case 1, V
CC rises from 0V and the on-chip RESET is
undefined until the supply is greater than approximately
1.0V. At this time the brownout circuit becomes active and
holds the device in RESET. As the supply passes a level of
about 1.8V, a delay of about 3 ms (t
d) is started and the Idle
Timer is preset to a value between 00F0 and 00FF (hex).
Once V
CC is greater than Vbor and td has expired, the Idle
Timer is allowed to count down (t
id).
Case 2 shows a subsequent dip in the supply voltage which
goes below the approximate 1.8V level. As V
CC drops below
V
bor, the internal RESET signal is asserted. When VCC rises
back above the 1.8V level, t
d is started. Since the power
supply rise time is longer for this case, t
d has expired before
V
CC rises above Vbor and tid starts immediately when VCC is
greater than V
bor.
Case 3 shows a dip in the supply where V
CC drops below
V
bor, but not below 1.8V. On-chip RESET is asserted when
V
CC goes below Vbor and tid starts as soon as the supply
goes back above V
bor.
The internal reset will not be turned off until the Idle Timer
underflows. The internal reset will perform the same func-
tions as external reset. The device is guaranteed to operate
at the specified frequency down to the specified brownout
voltage. After the underflow, the logic is designed such that
no additional internal resets occur as long as V
CC remains
above the brownout voltage.
The device is relatively immune to short duration negative-
going V
CC transients (glitches). It is essential that good
filtering of V
CC be done to ensure that the brownout feature
works correctly. Power supply decoupling is vital even in
battery powered systems.
Refer to the device specifications for the actual V
bor voltage.
Under no circumstances should the RESET pin be allowed
to float. If the external Reset feature is not being used, the
RESET pin should be connected directly to V
CC. The RESET
input may also be connected to an external pull-up resistor
or to other external circuitry. The output of the brownout reset
detector will always preset the Idle Timer to a value between
00F0 and 00FF (240 to 256 t
C). At this time, the internal reset
will be generated.
The contents of data registers and RAM are unknown fol-
lowing the on-chip reset.
20006312
FIGURE 8. Reset Circuit Using External Reset
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com