Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM5117400B Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5117400B
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400B Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5117400B Datasheet HTML 1Page - OKI electronic componets MSM5117400B Datasheet HTML 2Page - OKI electronic componets MSM5117400B Datasheet HTML 3Page - OKI electronic componets MSM5117400B Datasheet HTML 4Page - OKI electronic componets MSM5117400B Datasheet HTML 5Page - OKI electronic componets MSM5117400B Datasheet HTML 6Page - OKI electronic componets MSM5117400B Datasheet HTML 7Page - OKI electronic componets MSM5117400B Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
215
¡ Semiconductor
MSM5117400B
16M
DESCRIPTION
The MSM5117400B is a 4,194,304-word
¥ 4-bit dynamic RAM fabricated in Oki's silicon-gate CMOS
technology. The MSM5117400B achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer
metal CMOS process. The MSM5117400B is available in a 26/24-pin plastic SOJ or 26/24-pin plastic
TSOP.
FEATURES
• 4,194,304-word
¥ 4-bit configuration
• Single 5 V power supply,
±10% tolerance
• Input
: TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 2048 cycles/32 ms
• Fast page mode, read modify write capability
•
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Package options:
26/24-pin 300 mil plastic SOJ
(SOJ26/24-P-300-1.27) (Product : MSM5117400B-xxSJ)
26/24-pin 300 mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM5117400B-xxTS-K)
(TSOPII26/24-P-300-1.27-L) (Product : MSM5117400B-xxTS-L)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM5117400B
4,194,304-Word
¥ 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B-70
70 ns
130 ns
90 ns
550 mW
660 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM5117400B-50
tRAC
50 ns
35 ns
tAA
25 ns
20 ns
tCAC
13 ns
20 ns
tOEA
13 ns
MSM5117400B-60
60 ns
110 ns
605 mW
30 ns
15 ns
15 ns
Operating (Max.)
5.5 mW
E2G0035-17-41


Similar Part No. - MSM5117400B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400F OKI-MSM5117400F Datasheet
214Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5117400B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400D OKI-MSM51V16400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com