Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5KP54CA-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 5KP54CA-C
Description  5000W Peak Power TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5KP54CA-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  5KP54CA-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5KP54CA-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5KP54CA-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5KP54CA-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5KP SERIES
Voltage 5V~190V
5000W Peak Power TVS
Elektronische Bauelemente
24-May-2018 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTIC (T
A=25°C unless otherwise noted)
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage @IT
Test
Current
Max.
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
Reverse
Leakage
IR @VRRM
Min.
Max.
Directional
VR
VBR
VBR
IT
VC
IPP
IR
Uni
Bi
V
V
V
mA
V
A
uA
5KP5.0A
5KP5.0CA
5
6.4
7
50
9.2
543.48
5000
5KP6.0A
5KP6.0CA
6
6.67
7.37
50
10.3
485.44
5000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
446.43
2000
5KP7.0A
5KP7.0CA
7
7.78
8.6
50
12
416.67
1000
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
387.6
250
5KP8.0A
5KP8.0CA
8
8.89
9.83
5
13.6
367.65
150
5KP8.5A
5KP8.5CA
8.5
9.44
10.4
5
14.4
347.22
50
5KP9.0A
5KP9.0CA
9
10
11.1
5
15.4
324.68
20
5KP10A
5KP10CA
10
11.1
12.3
5
17
294.12
15
5KP11A
5KP11CA
11
12.2
13.5
5
18.2
274.73
2
5KP12A
5KP12CA
12
13.3
14.7
5
19.9
251.26
2
5KP13A
5KP13CA
13
14.4
15.9
5
21.5
232.56
2
5KP14A
5KP14CA
14
15.6
17.2
5
23.2
215.52
2
5KP15A
5KP15CA
15
16.7
18.5
5
24.4
204.92
2
5KP16A
5KP16CA
16
17.8
19.7
5
26
192.31
2
5KP17A
5KP17CA
17
18.9
20.9
5
27.6
181.16
2
5KP18A
5KP18CA
18
20
22.1
5
29.2
171.23
2
5KP19A
5KP19CA
19
21.1
23.3
5
30.8
162.44
2
5KP20A
5KP20CA
20
22.2
24.5
5
32.4
154.32
2
5KP22A
5KP22CA
22
24.4
26.9
5
35.5
140.85
2
5KP24A
5KP24CA
24
26.7
29.5
5
38.9
128.53
2
5KP26A
5KP26CA
26
28.9
31.9
5
42.1
118.76
2
5KP28A
5KP28CA
28
31.1
34.4
5
45.4
110.13
2
5KP30A
5KP30CA
30
33.3
36.8
5
48.4
103.31
2
5KP33A
5KP33CA
33
36.7
40.6
5
53.3
93.81
2
5KP36A
5KP36CA
36
40
44.2
5
58.1
86.06
2
5KP40A
5KP40CA
40
44.4
49.1
5
64.5
77.52
2
5KP43A
5KP43CA
43
47.8
52.8
5
69.4
72.05
2
5KP45A
5KP45CA
45
50
55.3
5
72.7
68.78
2
5KP48A
5KP48CA
48
53.3
58.9
5
77.4
64.6
2
5KP51A
5KP51CA
51
56.7
62.7
5
82.4
60.68
2
5KP54A
5KP54CA
54
60
66.3
5
87.1
57.41
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com