Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74HC595 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MM74HC595
Description  8-Bit Shift Register with Output Latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC595 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MM74HC595 Datasheet HTML 3Page - ON Semiconductor MM74HC595 Datasheet HTML 4Page - ON Semiconductor MM74HC595 Datasheet HTML 5Page - ON Semiconductor MM74HC595 Datasheet HTML 6Page - ON Semiconductor MM74HC595 Datasheet HTML 7Page - ON Semiconductor MM74HC595 Datasheet HTML 8Page - ON Semiconductor MM74HC595 Datasheet HTML 9Page - ON Semiconductor MM74HC595 Datasheet HTML 10Page - ON Semiconductor MM74HC595 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC595 • Rev. 1.0.2
6
AC Electrical Characteristics
VCC = 5V, TA = 25°C, tr = tf = 6ns.
Symbol
Parameter
Conditions
Typ.
Guaranteed Limit
Units
fMAX
Maximum Operating Frequency of SCK
50
30
MHz
Maximum Propagation Delay, SCK to Q’H
12
20
tPHL,tPLH
Maximum Propagation Delay, RCK to QA
thru Q’H
CL=45pF
18
30
ns
tPZH,tPZL
Maximum Output Enable Time from G to
QA thru Q’H
RL=1kΩ, CL=45pF
17
28
ns
tPHZ,tPLZ
Maximum Output Disable Time from G to
QA thru Q’H
RL=1kΩ, CL=45pF
15
25
ns
Minimum Setup Time from SER to SCK
20
ns
Minimum Setup Time from SCLR to SCK
20
ns
tS
Minimum Setup Time from SER to
RCK
(4)
40
ns
tH
Minimum Hold Time from SER to SCK
0
ns
tW
Minimum Pulse Width of SCK or RCK
16
ns
Note:
4.
This setup time ensures the register will see stable data from the shift-register outputs. The clocks may be
connected together in which case the storage register state will be one clock pulse behind the shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com