Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDS511Q Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDS511Q
Description  Small Signal Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDS511Q Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDS511Q Datasheet HTML 1Page - KODENSHI_AUK CORP. SDS511Q Datasheet HTML 2Page - KODENSHI_AUK CORP. SDS511Q Datasheet HTML 3Page - KODENSHI_AUK CORP. SDS511Q Datasheet HTML 4Page - KODENSHI_AUK CORP. SDS511Q Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 19-SEP-18
KSD-D6D007-003
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Maximum repetitive peak reverse voltage
VRM
85
V
Continuous reverse voltage
VR
80
V
Maximum average forward rectified current
IO
100
mA
Forward current (DC)
IF
100
mA
Maximum repetitive peak forward current
IFM
300
mA
Non-repetitive peak forward surge current(t=10ms)
IFSM
2
A
Power dissipation 1)
PD
150
mW
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient 1)
Rth(j-a)
830
C/W
Operating junction temperature
Tj
150
C
Storage temperature range
Tstg
-55 ~ 150
C
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage 2)
VF(1)
IF=1mA
-
0.6
-
V
VF(2)
IF=10mA
-
0.7
-
V
VF(3)
IF=100mA
-
0.9
1.2
V
Reverse leakage current 3)
IR
VR=80V
-
-
0.5
uA
Total capacitance
CT
VR=0V, f=1㎒
-
2.2
4.0
pF
Reverse recovery time
trr
IF=10mA (Fig. 5)
-
1.6
4.0
ns
2) Pulse test: tP≤380㎲, Duty cycle≤2%
3) Pulse test: tP≤5㎳, Duty cycle≤2%
SDS511Q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com