Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA16205 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16205
Description  ~1240째 oval beam with holder and installation tape
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16205 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16205 Datasheet HTML 1Page - Ledil, Inc. CA16205 Datasheet HTML 2Page - Ledil, Inc. CA16205 Datasheet HTML 3Page - Ledil, Inc. CA16205 Datasheet HTML 4Page - Ledil, Inc. CA16205 Datasheet HTML 5Page - Ledil, Inc. CA16205 Datasheet HTML 6Page - Ledil, Inc. CA16205 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA16205_GABRIELLA-MIDI-O
GABRIELLA-MIDI-O
~12+40° oval beam with holder and installation
tape
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.8 mm
Height
24.1 mm
Fastening
tape, pin
Colour
Box size
476 x 273 x 292 mm
Box weight
11.5 kg
Quantity in Box
500 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
GABRIELLA-MIDI-O
Single lens
PMMA
GABRIELLA-MIDI-HLD
Assembly
PC
black
Last update: 27/11/2018
Subject to change without prior notice
Published: 18/12/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA16205

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16202 LEDIL-CA16202 Datasheet
2Mb / 26P
Gabriella Assembly
logo
Intelligent LED Solutio...
CA16202_GABRIELLA-MIDI-S ILS-CA16202_GABRIELLA-MIDI-S Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
logo
Ledil, Inc.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
~6째 real spot beam. Assembly with holder and installation tape.
More results

Similar Description - CA16205

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12426 LEDIL-CA12426_18 Datasheet
6Mb / 8P
~40째 wide beam. Assembly with holder and installation tape.
CA12429 LEDIL-CA12429 Datasheet
3Mb / 6P
~60째 40째 oval beam. Assembly with holder and installation tape.
CA13043 LEDIL-CA13043_18 Datasheet
10Mb / 5P
~40째 wide beam. Assembly with holder and installation tape.
CA13044 LEDIL-CA13044_18 Datasheet
7Mb / 4P
~60째 40째 oval beam. Assembly with holder and installation tape.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA15365 LEDIL-CA15365 Datasheet
1Mb / 4P
Oval beam for wall-washing. Assembly with black holder and installation tape.
FA11870 LEDIL-FA11870_18 Datasheet
3Mb / 7P
~60째 40째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
FCA15009 LEDIL-FCA15009_18 Datasheet
4Mb / 4P
~40째 wide beam. Assembly black holder and installation tape.
CA16129 LEDIL-CA16129_18 Datasheet
5Mb / 9P
~40째 wide beam with flange. Assembly with holder and installation tape.
CN16211 LEDIL-CN16211 Datasheet
7Mb / 6P
~1240째 oval beam with holder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com