Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # MCT2
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MCT2 Datasheet(HTML) 6 Page - Infineon Technologies AG

  MCT2 Datasheet HTML 1Page - Infineon Technologies AG MCT2 Datasheet HTML 2Page - Infineon Technologies AG MCT2 Datasheet HTML 3Page - Infineon Technologies AG MCT2 Datasheet HTML 4Page - Infineon Technologies AG MCT2 Datasheet HTML 5Page - Infineon Technologies AG MCT2 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Phototransistor, Industry Standard
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–58
March 27, 2000-00
Figure 7. Collector-emitter Leakage Current vs. Temp.
Figure 8. Normalized CTRcb vs. LED Current and Temp.
Figure 9. Normalized Photocurrent vs. IF and Temp.
100
80
60
40
20
0
–20
10
10
10
10
10
10
10
10
–2
–1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Typical
Vce = 10 V
Normalized to:
0.0
0.5
1.0
1.5
25
°C
50
°C
70
°C
IF - LED Current - mA
.1
1
10
100
Vcb=9.3 V, IF=10 mA, TA=25
°C
Normalized to:
0.01
0.1
1
10
IF - LED Current - mA
.1
1
10
100
IF=10 mA, TA=25
°C
Nib, TA=–20
°C
Nib, TA=25
°C
Nib, TA= 50
°C
Nib, TA=70
°C
Figure 10. Normalized Non-saturated HFE vs. Base
Current and Temperature
Figure 11. Normalized HFE vs. Base Current and Temp.
Figure 12. Propagation Delay vs. Collector Load Resistor
Normalized to:
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
1
10
100
1000
Ib=20
µA, Vce=10 V, TA=25°C
25
°C
50
°C
70
°C
–20
°C
0.0
0.5
1.0
1.5
25
°C
–20
°C
50
°C
70
°C
1
10
100
1000
Vce=10 V, Ib=20
µA
TA=25
°C
Vce=0.4 V
Ib - Base Current -
µA
Normalized to:
1
10
100
1000
RL - Collector Load Resistor - k
Ω
2.5
2.0
1.5
1.0
.1
1
10
100
IF=10 mA, TA=25
°C
VCC=5.0 V, Vth=1.5 V
tPLH
tPHL
Figure 13. Switching Timing
I
F
tR
=1.5 V
V
O
tD
tS
tF
tPHL
tPLH
VTH
Figure 14. Switching Schematic
VCC = 5.0 V
F=10 KHz,
DF=50%
R L
VO
IF=10 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com