Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCM846BS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCM846BS
Description  SMD Matched NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCM846BS Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCM846BS Datasheet HTML 1Page - Diotec Semiconductor BCM846BS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCM846BS, BCM847BS
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverstärkung
VCE = 5 V
IC = 2 mA
hFE
200
450
Current gain matching – Stromverstärkungs-Abgleich
VCE = 5 V
IC = 2 mA
hFE1/hFE2
0.9
1.0
1.1
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung
1)
IC = 10 mA
IB = 0.5 mA
IC = 100 mA
IB = 5 mA
VCEsat
250 mV
600 mV
Base-Emitter voltage – Basis-Emitter-Spannung
1)
VCE = 5 V
IC = 2 mA
IC = 10 mA
VBE
580 mV
700 mV
770 mV
Base-Emitter voltage matching – Abgleich Basis-Emitter-Spannung
1)
VCE = 5 V
IC = 2 mA
|VBE1 - VBE2|
2 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 30 V
E open
ICBO
15 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 5 V
C open
IEBO
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
100 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
4.5 pF
Typical thermal resistance junction to ambient (per device)
Typischer Wärmewiderst. Sperrschicht – Umgebung (pro Bauteil)
RthA
420 K/W
2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm
2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
2
Verlustleistung in Abh. von d. Umgebungstemp. )
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com