Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS431XRIX-Z Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS431XRIX-Z
Description  2.495V Programmable Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431XRIX-Z Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS431XRIX-Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS431xRIX-Z
Taiwan Semiconductor
3
Version: B1608
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
2.4
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
2.6
-55
-35
-15
5
25
45
65
85
105
125
TA - Free-Air Temperature(°C)
VKA=Vref
IKA=10mA
Figure 1. VREF vs. Ambient Temperature
0.5
0.6
0.7
0.8
0.9
1
-55
-35
-15
5
25
45
65
85
105
125
TA - Free-Air Temperature(°C)
R1=10KΩ
R2=
∞
IKA=10mA
Figure 2. IREF vs. Ambient Temperature
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
-2
-1
0
1
2
3
VKA - Cathode Voltage(V)
VKA=Vref
TA=25°C
Figure 3. Cathode Current vs. Cathode Voltage
0
200
400
600
800
1000
0
1
2
3
VKA - Cathode Voltage(V)
VKA=Vref
TA=25°C
Figure 4. Cathode Current vs. Cathode Voltage
0
0.1
0.2
0.3
0.4
0.5
-55
-35
-15
5
25
45
65
85
105
125
TA - Free-Air Temperature(°C)
VKA=36V
VREF=0
Figure 5. Off-State Cathode current
vs. Ambient Temperature
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-55
-35
-15
5
25
45
65
85
105
125
TA - Free-Air Temperature(°C)
VKA=3V to 36V
Figure 6. Ration of delta reference voltage to
delta cathode voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com