Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS950508 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950508
Description  Programmable Timing Control HubTM for PII/IIITTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950508 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950508 Datasheet HTML 8Page - Integrated Circuit Systems ICS950508 Datasheet HTML 9Page - Integrated Circuit Systems ICS950508 Datasheet HTML 10Page - Integrated Circuit Systems ICS950508 Datasheet HTML 11Page - Integrated Circuit Systems ICS950508 Datasheet HTML 12Page - Integrated Circuit Systems ICS950508 Datasheet HTML 13Page - Integrated Circuit Systems ICS950508 Datasheet HTML 14Page - Integrated Circuit Systems ICS950508 Datasheet HTML 15Page - Integrated Circuit Systems ICS950508 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS950508
0470E—04/06/05
Electrical Characteristics - CPU
TA = 0 - 70°C; VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
Vo=VDD*(0.5)
13.5
15
45
Output Impedance
1
RDSN2B
Vo=VDD*(0.5)
13.5
16.5
45
Output High Voltage
VOH2B
IOH = -1 mA
2
2.48
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.04
0.4
V
VOH@MIN = 1 V
-60
-27
VOH@MAX = 2.375V
-27
-7
VOL@MIN = 1.2 V
27
63
VOL@MAX =0.3V
20
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
0.95
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
0.85
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
50
55
%
Skew
1
tsk2B
VT = 1.25 V
32
175
ps
VT = 1.25 V, CPU 66, SDRAM 100
200
250
CPU 100, SDRAM 100
165
250
CPU 133, SDRAM 100
400
450
CPU 133, SDRAM 133
180
250
1Guaranteed by design, not 100% tested in production.
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
ps
Output High Current
IOH2B
mA
Output Low Current
IOL2B
mA
Electrical Characteristics - IOAPIC
TA = 0 - 70°C; VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP4B
Vo=VDD*(0.5)
9
30
Output Impedance
1
RDSN4B
Vo=VDD*(0.5)
9
30
Output High Voltage
VOH4B
IOH = -5.5 mA
2
V
Output Low Voltage
VOL4B
IOL = 9 mA
0.4
V
VOH@MIN = 1.4 V
-21
VOH@MAX = 2.5V
-36
VOL@MIN = 1.0 V
36
VOL@MAX =0.2V
31
Rise Time
1
tr4B
VOL = 0.4 V, VOH = 2.0 V
0.4
0.9
1.6
ns
Fall Time
1
tf4B
VOH = 2.0 V, VOL = 0.4 V
0.4
1
1.6
ns
Duty Cycle
1
dt4B
VT = 1.25 V
45
50
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
250
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH4B
mA
Output Low Current
IOL4B
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com