Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP6502SP-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP6502SP-13
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502SP-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP6502SP-13 Datasheet HTML 6Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 7Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 8Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 9Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 10Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 11Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 12Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 13Page - Diodes Incorporated AP6502SP-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP6502
Document Number: DS35423 Rev. 10- 2
10 of 14
www.diodes.com
May 2017
© Diodes Incorporated
AP6502
Applications Information (Cont.)
The control loop transfer function incorporates two poles one is due to the compensation capacitor (C3) and the output resistor of error amplifier,
and the other is due to the output capacitor and the load resistor. These poles are located at:
VEA
EA
A
C
G
3
2
P1
f
LOAD
R
C
2
2
1
P2
f
Where GEA is the error amplifier trans-conductance.
One zero is present due to the compensation capacitor (C3) and the compensation resistor (R3). This zero is located at:
3
3
2
1
R
C
Z1
f
The goal of compensation design is to shape the converter transfer function to get a desired loop gain. The system crossover frequency where
the feedback loop has the unity gain is crucial.
A rule of thumb is to set the crossover frequency to below one-tenth of the switching frequency. Use the following procedure to optimize the
compensation components:
1. Choose the compensation resistor (R3) to set the desired crossover frequency. Determine the R3 value by the following equation:
FB
OUT
CS
EA
FB
OUT
CS
EA
V
V
G
G
fs
C
V
V
G
G
fc
C
R
1
.
0
2
2
2
2
3
Where fC is the crossover frequency, which is typically less than one tenth of the switching frequency.
2. Choose the compensation capacitor (C3) to achieve the desired phase margin set the compensation zero, fZ1, to below one fourth of the
crossover frequency to provide sufficient phase margin. Determine the C3 value by the following equation:
fc
3
R
2
3
C
Where R3 is the compensation resistor value.
VOUT (V)
CIN/C1
(µF)
COUT/C2
(µF)
RC/R3
(kΩ)
CC/C3
(nF)
L1
(µH)
1.2
22
47
3.24
6.8
3.3
1.8
22
47
6.8
6.8
3.3
2.5
22
47
6.8
6.8
10
3.3
22
47
6.8
6.8
10
5
22
47
6.8
6.8
10
12
22
47
6.8
6.8
15
Table 2
– Recommended Component Selection
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value;
SW
L
IN
OUT
IN
OUT
f
ΔI
V
)
V
(V
V
L
Where
L
ΔI is the inductor ripple current.
And SW
f
is the buck converter switching frequency.
Choose the inductor ripple current to be 30% of the maximum load current. The maximum inductor peak current is calculated from:
2
ΔI
I
I
L
LOAD
L(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com