Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP65453 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP65453
Description  ADAPTIVE COT STEP-DOWN CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65453 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP65453 Datasheet HTML 6Page - Diodes Incorporated AP65453 Datasheet HTML 7Page - Diodes Incorporated AP65453 Datasheet HTML 8Page - Diodes Incorporated AP65453 Datasheet HTML 9Page - Diodes Incorporated AP65453 Datasheet HTML 10Page - Diodes Incorporated AP65453 Datasheet HTML 11Page - Diodes Incorporated AP65453 Datasheet HTML 12Page - Diodes Incorporated AP65453 Datasheet HTML 13Page - Diodes Incorporated AP65453 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP65453
Document number: DS37999 Rev. 1 - 2
12 of 14
www.diodes.com
June 2015
© Diodes Incorporated
AP65453
Ordering Information
Marking Information
SO-8EP
( Top View )
AP65453
YY WW X
Logo
Part No
5
8
4
1
E
WW : Week : 01~52; 52
YY : Year : 14,15,16~
represents 52 and 53 week
E : SO-8EP
X
XX : Internal Code
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Part Number
Package Code
Part Marking
Identification Code
Tape and Reel
Quantity
Part Number Suffix
AP65453SP-13
SP
SO-8EP
-
2,500
-13
SO-8EP (SOP-8L-EP)
Dim Min
Max Typ
A
1.40 1.50 1.45
A1
0.00 0.13
-
b
0.30 0.50 0.40
C
0.15 0.25 0.20
D
4.85 4.95 4.90
E
3.80 3.90 3.85
E0
3.85 3.95 3.90
E1
5.90 6.10 6.00
e
-
-
1.27
F
2.75 3.35 3.05
H
2.11 2.71 2.41
L
0.62 0.82 0.72
N
-
-
0.35
Q
0.60 0.70 0.65
All Dimensions in mm
AP65453 XX - 13
Packing
Package
SP : SO-8EP
13 : Tape & Reel
Gauge Plane
Seating Plane
E1
E
N
e
b
A
45°
E0
H
F
Exposed Pad
Bottom View
L
Q
C
7°
4° ± 3°
9° (All sides)
A1
D
1
4
8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com