Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

824BP2/2-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 824BP2/2-2
Description  8 Bit Programmable 2-Pole Pair Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

824BP2/2-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  824BP2/2-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 824BP2/2-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 824BP2/2-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 824BP2/2-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 824BP2/2-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 824BP2/2-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 824BP2/2-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Applications
• Power line interference rejection
• Transducer output filtering
• Production test instrumentation
• Medical electronics equipment and research
• Comb filtering and equalization
• Noise and harmonic analysis
• RMS measurements
• Frequency spectrum analysis
Features/Benefits:
• Compact 2.0"L x 2.0"W footprint minimizes board
space requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed.
• Broad range of center frequencies to meet a wide
range of applications.
Description:
The 824BP Series is a 2-pole-pair digitally
programmable precision band-pass active filter that
provides high performance in a compact 2" x 2"
footprint. These new filters take advantage of the
company’s proprietary designs using surface-mount
technology to provide a low profile, compact package
in minimal board space. 824BP filters are factory
tuned to one of three factory set tuning ranges or 8-
bit custom ranges from 1 Hz to 25.6 kHz. Each filter
type features a near theoretical amplitude/phase
response along with low output voltage noise
enabling these filters to achieve a 10,000:1 or better
dynamic signal range.
Pretuned to within ±2% of the center frequency,
band-pass 824BP filters pass all frequencies lying
between the upper and lower -3dB points of the
amplitude response curve. Available Q’s for 824BP
models are 1, 2, 5, or 10.
Band Pass
824BP Series
8 Bit Programmable
2-Pole Pair Filters
1
Programmable Specifications: . . . . . . . . . . . .Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . .2
Available Band-Pass Models:
824BP2
2 pole pair . . . . . . . . . . . . . . . . . . .3
General Specifications:
Ordering Information . . . . . . . . . . . . . . . . . . . . . . .4
Pin-Out/package data . . . . . . . . . . . . . . . . . . . . . .4


Similar Part No. - 824BP2/2-2

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
824BP2/2-2 FREQUENCYDEVICES-824BP2/2-2 Datasheet
444Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
More results

Similar Description - 824BP2/2-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
2 X 4 8-Pole Filters
828BP ETC1-828BP Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
828L8B ETC1-828L8B Datasheet
605Kb / 19P
2 X 2 8-Pole Filters
858L8B ETC1-858L8B Datasheet
540Kb / 19P
2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
824BP FREQUENCYDEVICES-824BP Datasheet
444Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
2" x 2" 8-Pole Filters
828BP FREQUENCYDEVICES-828BP Datasheet
479Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
2" x 4" 8-Pole Filters
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
Fixed Frequency 2-Pole Pair Filters
D100B FREQUENCYDEVICES-D100B Datasheet
248Kb / 5P
2 - Pole Pair Band - Pass Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com