Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX84B2V4 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # BZX84B2V4
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZX84B2V4 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  BZX84B2V4 Datasheet HTML 1Page - SEC Electronics Inc. BZX84B2V4 Datasheet HTML 2Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BZX84Bxxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
13-Nov-2013 Rev. B
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar Die Construction
300 mW Power Dissipation on FR-5 PCB
General Purpose, Medium Current
Ideally Suited for Automated Assembly Process
Zener Voltages from 2.4V – 39V
Ultra-Small Surface Mount Package Power Dissipation
MECHANICAL DATA
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams
Weight: 0.008 g (Approximately)
Marking: Marking Code (See Table On Page 2)
THERMAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
VALUE
UNITS
Forward Voltage @ IF = 10 mA
2
VF
0.9
V
Power Dissipation
1
PD
300
mW
Thermal Resistance, Junction to Ambient
RθJA
417
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
Notes:
1.
Valid provided that device terminals are kept at ambient temperature..
2.
Test with pulses. Period = 5 ms, pulse width =300 μs
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.80
2.00
L
0.89
1.02
F
0.30
0.50


Similar Part No. - BZX84B2V4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B2V4 CENTRAL-BZX84B2V4 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
BZX84B2V4 VISHAY-BZX84B2V4 Datasheet
114Kb / 8P
Small Signal Zener Diodes
28-Feb-13
logo
Diotec Semiconductor
BZX84B2V4 DIOTEC-BZX84B2V4 Datasheet
127Kb / 2P
Surface mount Silicon Planar Zener Diodes
More results

Similar Description - BZX84B2V4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com