Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGP6640DPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRGP6640DPBF
Description  H Bridge Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP6640DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGP6640DPBF Datasheet HTML 3Page - International Rectifier IRGP6640DPBF Datasheet HTML 4Page - International Rectifier IRGP6640DPBF Datasheet HTML 5Page - International Rectifier IRGP6640DPBF Datasheet HTML 6Page - International Rectifier IRGP6640DPBF Datasheet HTML 7Page - International Rectifier IRGP6640DPBF Datasheet HTML 8Page - International Rectifier IRGP6640DPBF Datasheet HTML 9Page - International Rectifier IRGP6640DPBF Datasheet HTML 10Page - International Rectifier IRGP6640DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
 
IRGP6640DPbF/IRGP6640D-EPbF
Fig. 27 - Maximum Transient Thermal Impedance, Junction-to-Case (IGBT)
0
102030
40
5060
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES = 400V
VCES = 300V
Fig. 25 - Typical Gate Charge vs. VGE
ICE = 24A
0
100
200
300
400
500
600
VCE (V)
1
10
100
1000
10000
Cies
Coes
Cres
Fig. 24 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
J
J
1
1
2
2
3
3
R
1
R
1
R
2
R
2
R
3
R
3
C
C
Ci=
iRi
Ci=
iRi
Ri (°C/W)
i (sec)
0.24105
0.000318
0.30929
0.002839
0.20039
0.017338
Fig 26. Maximum Diode Repetitive Forward Peak Current vs. Case Temperature
100
125
150
175
Case Temperature (°C)
0
10
20
30
40
50
60
70
D=0.5
D=0.2
D=0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com