Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36LLR8760T Datasheet(PDF) 12 Page - STMicroelectronics

Part # M36LLR8760T
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M36LLR8760T Datasheet HTML 8Page - STMicroelectronics M36LLR8760T Datasheet HTML 9Page - STMicroelectronics M36LLR8760T Datasheet HTML 10Page - STMicroelectronics M36LLR8760T Datasheet HTML 11Page - STMicroelectronics M36LLR8760T Datasheet HTML 12Page - STMicroelectronics M36LLR8760T Datasheet HTML 13Page - STMicroelectronics M36LLR8760T Datasheet HTML 14Page - STMicroelectronics M36LLR8760T Datasheet HTML 15Page - STMicroelectronics M36LLR8760T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
12/19
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 4., Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 4. Operating and AC Measurement Conditions
Figure 5. AC Measurement I/O Waveform
Figure 6. AC Measurement Load Circuit
Table 5. Device Capacitance
Note: Sampled only, not 100% tested.
Parameter
Flash Memories
PSRAM
Unit
Min
Max
Min
Max
VDDF1/VDDF2 Supply Voltages
1.7
1.95
–
–
V
VCCP Supply Voltage
––
1.7
1.95
V
VDDQF Supply Voltage
1.7
1.95
–
–
V
VPPF Supply Voltage (Factory environment)
8.5
9.5
–
–
V
VPPF Supply Voltage (Application environment)
–0.4
VDDQF +0.4
––
V
Ambient Operating Temperature
–25
85
–25
85
°C
Load Capacitance (CL)
30
30
pF
Output Circuit Resistors (R1, R2)
16.7
16.7
k
Ω
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0 to VDDQF
0 to VDDQF
V
Input and Output Timing Ref. Voltages
VDDQF/2
VDDQF/2
V
AI06161b
VDDQF
0V
VDDQF/2
AI08364c
VDDQF
CL
CL includes JIG capacitance
R1
DEVICE
UNDER
TEST
0.1µF
VDDQF
R2
0.1µF
VDDF
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
14
pF
COUT
Output Capacitance
VOUT = 0V
18
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com