Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36LLR8760TT Datasheet(PDF) 17 Page - STMicroelectronics

Part # M36LLR8760TT
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760TT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M36LLR8760TT Datasheet HTML 11Page - STMicroelectronics M36LLR8760TT Datasheet HTML 12Page - STMicroelectronics M36LLR8760TT Datasheet HTML 13Page - STMicroelectronics M36LLR8760TT Datasheet HTML 14Page - STMicroelectronics M36LLR8760TT Datasheet HTML 15Page - STMicroelectronics M36LLR8760TT Datasheet HTML 16Page - STMicroelectronics M36LLR8760TT Datasheet HTML 17Page - STMicroelectronics M36LLR8760TT Datasheet HTML 18Page - STMicroelectronics M36LLR8760TT Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
PART NUMBERING
Table 11. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available op-
tions (Speed, Package, etc.) or for further information on any aspect of this device, please contact the ST-
Microelectronics Sales Office nearest to you.
Example:
M36 L
L
R 8
7 6
0
T 1 ZAQ T
Device Type
M36 = Multi-Chip Package (Multiple Flash + RAM)
Flash 1 Architecture
L = Multi-Level, Multiple Bank, Burst mode
Flash 2 Architecture
L = Multi-Level, Multiple Bank, Burst mode
Operating Voltage
R = VDDF = VCCP = VDDQF = 1.7 to 1.95V
Flash 1 Density
8 = 256 Mbits
Flash 2 Density
7 = 128 Mbits
RAM 1 Density
6 = 64 Mbits
RAM 0 Density
0 = No Die
Parameter Blocks Location
T = Top Boot Block Flash
B = Bottom Boot Block Flash
D = Mixed (Flash 1 Bottom, Flash 2 Top)
M = Mixed (Flash 1 Top, Flash 2 Bottom)
Product Version
1 = 0.13µm Flash technology (2 Chip Enable inputs, one for each Flash memory), 85ns speed;
0.11µm PSRAM, 70ns speed, burst mode
Package
ZAQ = Stacked LFBGA88 8x10mm - 8x10 active ball array, 0.8mm pitch
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = Lead-free and RoHS Standard packing
F = Lead-free and RoHS Tape & Reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com