Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXIOM75RH Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM75RH
Description  Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75RH Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM75RH Datasheet HTML 1Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 2Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 3Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 4Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 5Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 6Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 7Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 8Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 9Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75RH Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(16)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
0. Contents:
1. Electrical specification
1.1 Electrical specification 10 MHz
1.2 Electrical specification 100 MHz
2. Mechanical specification
2.1 Mechanical specification THD-package
2.2 Mechanical specification SMD-package
3. Applicable documents
4. General flow of manufacturing
5. Acceptance Testing
5.1 Screening
5.2 Group A inspection
5.3 Group B inspection
5.4 Group C inspection
5.5 Electrical measurements
5.6 Destructive Physical Analysis (DPA)
6. Radiation
7. Components, Materials and Processes
8. Marking
9. Data Documentation
10. Handling, Packaging and Delivery
11. Specification History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com