Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXIOM75SH Datasheet(PDF) 13 Page - Advanced XTAL Products

Part # AXIOM75SH
Description  Low Phase Noise OCXO for Space Application (COTS version)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75SH Datasheet(HTML) 13 Page - Advanced XTAL Products

Back Button AXIOM75SH Datasheet HTML 5Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 6Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 7Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 8Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 9Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 10Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 11Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 12Page - Advanced XTAL Products AXIOM75SH Datasheet HTML 13Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75SH Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 13(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Certificate of Conformity
The certificate includes the following content:
Full company information (Logo, Name, Address)
Type and specification (part number and revision)
Nominal frequency
Number of purchase order
Lot identification
Range of serial numbers
Number of delivered parts
Authorized signature in behalf of manufacturer (including stamp and date)
10. Handling, Packaging and Delivery
Some add-ons are susceptible to damage by electrostatic discharge. Therefore suitable ESD
precautions for handling during use and manufacturing must be employed.
In order to minimize the risk of damage, all kinds of shock during handling and manufacturing must be
avoided.
The parts are packaged in a way to ensure adequately safeguarding against mechanical and electrical
injury and deterioration due to humidity.
The primary package is labeled as ESD sensitive component.
11. Specification History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
06.05.2014
First issue AXIOM75S
HH
BN
1
D0
16.02.2018
Model renamed to AXIOM75SH, swept material
removed
HH
BN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com