Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36LLR876B0E Datasheet(PDF) 16 Page - STMicroelectronics

Part # M36LLR876B0E
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR876B0E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M36LLR876B0E Datasheet HTML 11Page - STMicroelectronics M36LLR876B0E Datasheet HTML 12Page - STMicroelectronics M36LLR876B0E Datasheet HTML 13Page - STMicroelectronics M36LLR876B0E Datasheet HTML 14Page - STMicroelectronics M36LLR876B0E Datasheet HTML 15Page - STMicroelectronics M36LLR876B0E Datasheet HTML 16Page - STMicroelectronics M36LLR876B0E Datasheet HTML 17Page - STMicroelectronics M36LLR876B0E Datasheet HTML 18Page - STMicroelectronics M36LLR876B0E Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
16/19
PACKAGE MECHANICAL
Figure 7. LFBGA88 8x10mm, 8x10 ball array - 0.8mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Table 10. Stacked LFBGA88 8x10mm - 8x10 active ball array, 0.8mm pitch, Package Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.400
0.0551
A1
0.200
0.0079
A2
1.000
0.0394
b
0.350
0.300
0.400
0.0138
0.0118
0.0157
D
8.000
7.900
8.100
0.3150
0.3110
0.3189
D1
5.600
–
–
0.2205
–
–
ddd
0.100
0.0039
E
10.000
9.900
10.100
0.3937
0.3898
0.3976
E1
7.200
–
–
0.2835
–
–
E2
8.800
–
–
0.3465
–
–
e
0.800
–
–
0.0315
–
–
FD
1.200
–
–
0.0472
–
–
FE
1.400
–
–
0.0551
–
–
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–
FE1
0.600
–
–
0.0236
–
–
A2
A1
A
BGA-Z45
ddd
D
E
e
b
SE
FD
FE1
E2
D1
SD
BALL "A1"
E1
FE
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com