Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVLJRGD8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLJRGD8
Description  Oval Red LED Lamp (4mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLJRGD8 Datasheet(HTML) 1 Page - TT Electronics.

  OVLJRGD8 Datasheet HTML 1Page - TT Electronics. OVLJRGD8 Datasheet HTML 2Page - TT Electronics. OVLJRGD8 Datasheet HTML 3Page - TT Electronics. OVLJRGD8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 1.0
0505
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Oval Red LED Lamp (4mm)
OVLJRGD8
x
High luminous intensity
x
Defined spatial radiation
x
Multiple viewing angles
x
UV-resistant epoxy
x
Precision optical performance
The OVLJRGD8 is designed for superior performance in outdoor environments. Its radiation pattern matches
green (OVLJGGD8) and blue (OVLJBGD8) devices in identical packages to create LED pixels for full-color video
screens.
Applications
x
Variable Message Signs
x
Indoor/Outdoor Advertising Signage
x
Traffic and Highway Signs
x
Full-Color Video Signs
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLJRGD8
AlInGaP
Red
400
Lens Color
Red Diffused
Data is subject to change without prior notice.
RoHS


Similar Part No. - OVLJRGD8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLJRGD8 OPTEK-OVLJRGD8 Datasheet
649Kb / 4P
Oval Red LED Lamp (4mm)
5/26
More results

Similar Description - OVLJRGD8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLJBGD8 OPTEK-OVLJBGD8 Datasheet
622Kb / 4P
Oval Blue LED Lamp (4mm)
5/26
OVLJGGD8 OPTEK-OVLJGGD8 Datasheet
652Kb / 4P
Oval Green LED Lamp (4mm)
5/26
OVLJRGD8 OPTEK-OVLJRGD8 Datasheet
649Kb / 4P
Oval Red LED Lamp (4mm)
5/26
logo
Seoul Semiconductor
LR770D SEOUL-LR770D Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR700D SEOUL-LR700D Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR700D SEOUL-LR700D_1 Datasheet
272Kb / 12P
RED OVAL LAMP LED
logo
BetLux Electronics
BL-L453 BETLUX-BL-L453 Datasheet
229Kb / 4P
4mm Oval Type LED lamp
REV NO: V.2
BL-L463 BETLUX-BL-L463 Datasheet
230Kb / 4P
4mm Oval Type LED lamp
REV NO: V.2
logo
TT Electronics.
OVLJBGD8 TTELEC-OVLJBGD8 Datasheet
624Kb / 4P
Oval Blue LED Lamp (4mm)
OVLJGGD8 TTELEC-OVLJGGD8 Datasheet
653Kb / 4P
Oval Green LED Lamp (4mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com