Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TD350ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TD350ID
Description  Advanced IGBT/MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350ID Datasheet(HTML) 5 Page - STMicroelectronics

  TD350ID Datasheet HTML 1Page - STMicroelectronics TD350ID Datasheet HTML 2Page - STMicroelectronics TD350ID Datasheet HTML 3Page - STMicroelectronics TD350ID Datasheet HTML 4Page - STMicroelectronics TD350ID Datasheet HTML 5Page - STMicroelectronics TD350ID Datasheet HTML 6Page - STMicroelectronics TD350ID Datasheet HTML 7Page - STMicroelectronics TD350ID Datasheet HTML 8Page - STMicroelectronics TD350ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Functional Description
TD350
5/11
4
Functional Description
4.1 Input
The input is compatible with optocouplers or pulse
transformers. The input is triggered by the signal
edge and allows the use of low-sized, low-cost
pulse transformer. Input is active low (output is
high when input is low) to ease the use of
optocoupler. When driven by a pulse transformer,
the input pulse (positive and negative) width must
be larger than the minimum pule width tonmin.
4.2 Voltage reference
A voltage reference is used to create accurate
timing for the two-level turn-off with external
resistor and capacitor.
4.3 Desaturation protection
Desaturation protection ensures the protection of
the IGBT in the event of overcurrent. When the
DESAT voltage goes higher that 7V, the output is
driven low (with 2-level turn-off if applicable). The
FAULT output is activated. The FAULT state is
exited at the next falling edge of IN input.
A programmable blanking time is used to allow
enough time for IGBT saturation. Blanking time is
provided by an internal current source and
external capacitor.
DESAT input can also be used with an external
comparator for overcurrent or over temperature
detection.
4.4 Active Miller clamp
A Miller clamp allows the control of the Miller
current during a high dV/dt situation and can avoid
the use of a negative supply voltage.
During turn-off, the gate voltage is monitored and
the clamp output is activated when gate voltage
goes below 2V (relative to GND). The clamp
voltage is VL+3V max for a Miller current up to
500mA. The clamp is disabled when the IN input
is triggered again.
4.5 Two level turn-off
The two-level turn-off is used to increase the
reliability of the application.
During turn-off, gate voltage can be reduced to a
programmable level in order to reduce the IGBT
current (in the event of over-current). This action
avoids both dangerous overvoltage across the
IGBT, and RBSOA problems, especially at short
circuit turn-off.
Turn-off (Ta) delay is programmable through an
external resistor and capacitor for accurate timing.
Turn-off delay (Ta) is also used to delay the input
signal to prevent distortion of input pulse width.
4.6 Minimum ON time
In order to ensure the proper operation of the 2-
level turn-off function, the input ON time (Twin)
must be greater than the Twinmin value:
Twinmin=Ta+2*Rdel*Coff
Rdel is the internal discharge resistor and Coff is
the external timing capacitor.
Input signals smaller than Ta are ignored. Input
signals larger than Twinmin are transmitted to the
output stage after the Ta delay with minimum
width distortion (
∆Tw=Twout-Twin).
For an input signal width Twin between Ta and
Twinmin, the output width Twout is reduced below
Twin (pulse distortion) and the IGBT could be
partially turned on. These input signals should be
avoided during normal operation.
4.7 Output
The output stage is able to sink 2.3A and source
1.5A typical at 25°C (1.2A/0.75A minimum over
the full temperature range). Separated sink and
source outputs allow independent gate charge
and discharge control without an extra external
diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com