Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS14C89AMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS14C89AMX/NOPB
Description  Quad CMOS Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS14C89AMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS14C89AMX/NOPB Datasheet HTML 1Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 2Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 3Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 4Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 5Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 6Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 7Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 8Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS14C89A
www.ti.com
SNLS081C – MAY 1998 – REVISED APRIL 2013
DS14C89A Quad CMOS Receiver
Check for Samples: DS14C89A
1
FEATURES
DESCRIPTION
The
DS14C89A,
pin-for-pin
compatible
to
the
2
•
Meets EIA/TIA-232-E and CCITT V.28
DS1489A/MC1489A, ia a quad receiver designed to
Standards
interface data terminal equipment (DTE) with data
•
Failsafe - Output High for Open Input
circuit-terminating equipment (DCE). These devices
•
LOW Power Consumption
translate levels conforming to EIA-232E and CCITT
V.28 standards to TTL/CMOS logic levels.
•
On Chip Noise Filter
The device is fabricated in low threshold CMOS metal
•
Available in SOIC Package
gate technology. The device provides very low power
consumption compared to their bipolar equivalents:
900
μA (DS14C89A) versus 26 mA (DS1489A).
The DS14C89A provides on chip noise filtering which
eliminates the need for external response control filter
capacitors. When replacing the DS1489A with the
DS14C89A, the response control filter pins can be
tied high, low, or not connected.
Connection Diagram
Figure 1. See Package Number D, NFF0014A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS14C89AMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C89AMX/NOPB TI2-DS14C89AMX/NOPB Datasheet
411Kb / 15P
DS14C89A Quad CMOS Receiver
REVISED APRIL 2013
DS14C89AMX/NOPB.A TI2-DS14C89AMX/NOPB.A Datasheet
411Kb / 15P
DS14C89A Quad CMOS Receiver
REVISED APRIL 2013
DS14C89AMX/NOPB.B TI2-DS14C89AMX/NOPB.B Datasheet
411Kb / 15P
DS14C89A Quad CMOS Receiver
REVISED APRIL 2013
More results

Similar Description - DS14C89AMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C89A NSC-DS14C89A Datasheet
93Kb / 5P
Quad CMOS Receiver
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
Quad CMOS Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
Quad CMOS Receiver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com