Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1893AF Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1893AF
Description  3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AF Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1893AF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 9Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 10Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Brief
ICS1893AF
Page 7
Document Revision: 5 April 2002
Typical Board Layouts
Twisted-Pair Transmitter Interface
The twisted-pair transmitter driver uses an H-bridge configuration. .
ICS suggests using any of the following for the H-bridge:
Halo TG22S012ND transformer
Transpower HB617-LP transformer
Pulse 68517 transformer which can be turned around to move the choke windings to the RJ-45 side.
The figure below shows the design for the ICS1893 twisted-pair transmitter interface.
Two 61.9
Ω 1% resistors are in series, with a 120-nH 5% inductor between them. These components form
a network that connects across both the transformer and the ICS1893 TP_TXP and TP_TXN pins.
The ICS1893 transmitter output H drive configuration supplies power to the transformer. (No VDD
connection is required.)
The ICS1893 TP_CT pin is connected directly to the transformer transmit center tap connection and is
bypassed to ground with a 100pF capacitor.
Note:
1. If the transformer has a choke, it may be put on the chip side, RJ-45 side or both.
2. Keep all TX traces as short as possible.
3.
When making board traces, 50
Ω−characteristic impedance is desirable.
ICS1893 Transmit Twisted Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com