Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS3C2F100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS3C2F100
Description  COMPLEMENTARY PAIR STripFETTM POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3C2F100 Datasheet(HTML) 1 Page - STMicroelectronics

  STS3C2F100 Datasheet HTML 1Page - STMicroelectronics STS3C2F100 Datasheet HTML 2Page - STMicroelectronics STS3C2F100 Datasheet HTML 3Page - STMicroelectronics STS3C2F100 Datasheet HTML 4Page - STMicroelectronics STS3C2F100 Datasheet HTML 5Page - STMicroelectronics STS3C2F100 Datasheet HTML 6Page - STMicroelectronics STS3C2F100 Datasheet HTML 7Page - STMicroelectronics STS3C2F100 Datasheet HTML 8Page - STMicroelectronics STS3C2F100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-CHANNEL 100V - 0.110
Ω - 3A SO-8
P-CHANNEL 100V - 0.320
Ω - 1.5A SO-8
COMPLEMENTARY PAIR STripFET™ POWER MOSFET
1/11
June 2004
.
STS3C2F100
Rev.1.0.1
■
TYPICAL RDS(on) (N-Channel) = 0.110
Ω
■
TYPICAL RDS(on) (P-Channel) = 0.320
Ω
■
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
■
ULTRA LOW GATE CHARGE
■
ULTRA LOW ON-RESISTANCE
DESCRIPTION
This MOSFET is the second generation of STMicroelec-
tronis unique "Single Feature Size™" strip-based pro-
cess. The resulting transistor shows extremely high
packing density for low on-resistance, rugged avalanche
characteristics and less critical alignment steps therefore
a remarkable manufacturing reproducibility.
APPLICATIONS
■
DC MOTOR DRIVES
■
AUDIO AMPLIFIER
Ordering Information
TYPE
VDSS
RDS(on)
ID
STS3C2F100(N-Channel)
STS3C2F100(P-Channel)
100 V
100 V
< 0.145
Ω
< 0.380
Ω
3.0 A
1.5 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STS3C2F100
S3C2F100
SO-8
TAPE & REEL
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Note: P-CHANNEL MOSFET actual polarity of voltages and current
has to be reversed
Symbol
Parameter
N-CHANNEL
P-CHANNEL
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 k
Ω)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
3.0
1.5
A
ID
Drain Current (continuous) at TC = 100°C
1.9
1.0
A
IDM(
•)
Drain Current (pulsed)
12
6
A
Ptot
Total Dissipation at TC = 25°C
2W
Tstg
Storage Temperature
-55 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS3C2F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
More results

Similar Description - STS3C2F100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL_10 Datasheet
236Kb / 12P
Complementary Low-Threshold MOSFET Pair
03-May-10
logo
Diodes Incorporated
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com