Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP-016ME331M-PSR Datasheet(PDF) 1 Page - Nichicon corporation

Part # FP-016ME331M-PSR
Description  Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-016ME331M-PSR Datasheet(HTML) 1 Page - Nichicon corporation

  FP-016ME331M-PSR Datasheet HTML 1Page - Nichicon corporation FP-016ME331M-PSR Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
68
CAT.8100H
RPS / RPA
Test condition
Capacitance change
tan δ
ESR( 1)
Leakage current ( 2)
105°C, rated voltage 2000 / 5000Hrs.
Within ±20% of initial value before test
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
Specifications
Performance Characteristics
Item
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Endurance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Dimensions
–55 to
+105°C
2.5 to 63V
8.2 to 1500
µF
±20% at 120Hz, 20°C
(mm)
φD×L
6.3×5.7
8×6.7
8×11.7
10×7.7
10×12.4
W
6.5
8.3
8.3
10.3
10.3
H
6.5
8.3
8.3
10.3
10.3
C
7.2
9.0
9.0
11.0
11.0
R
0.5 to 0.9
0.8 to 1.1
0.8 to 1.1
0.8 to 1.1
0.8 to 1.1
P
2.1
3.2
3.2
4.6
4.6
Type numbering system (Example : 63V 56µF)
Nichicon part number
R
1
P
2
3
1
4
J
5
5
6
6
7
0
8
M
9
C
10
N
11
1
12
G
13
S
14
Configuration
Taping code
Control code
Capacitance tolerance (±20%)
Rated capacitance (56
µF)
Rated voltage (63V)
Series name
Type
S
FPCAP part number
FP 063 ME 560
M
PS
R
Configuration
Taping code
Control code
Capacitance tolerance (±20%)
Capacitance (56
µF)
Voltage(63V)
Series name
Type
Lot No.
Product Logo
Voltage
Capacitance
0.2MAX.
W±0.2
L±0.3
P
R
Standard
(φ6.3, φ8,φ10)
Dimension table in next page.
High voltage (to 63V), Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
SMD type : Lead free reflow soldering condition at
260°C peak correspondence.
Compliant to the RoHS directive (2011/65/EU).
RPA
RPS
Lower ESR
Frequency coefficient of rated ripple current
Coefficient
Frequency
120 Hz
1 kHz
10 kHz
100 kHz
300 kHz
0.10
0.45
0.50
1.00
1.00


Similar Part No. - FP-016ME331M-PSR

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
FP-016ME330M-FSR NICHICON-FP-016ME330M-FSR Datasheet
733Kb / 2P
High Capacitance
More results

Similar Description - FP-016ME331M-PSR

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
STANDARD VALUE
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
Standard CMOS Standard CMOS
logo
Molex Electronics Ltd.
130112-0071 MOLEX11-130112-0071 Datasheet
31Kb / 1P
Suptex Standard Socket Suptex Standard SOC
1301120071 MOLEX11-1301120071 Datasheet
43Kb / 1P
Suptex Standard Socket Suptex Standard SOC
logo
Nichicon corporation
RNS NICHICON-RNS Datasheet
646Kb / 2P
Standard
logo
SparkFun Electronics
ROB-12274 SPARKFUN-ROB-12274 Datasheet
95Kb / 1P
Servo Hub - Standard (Futaba Standard)
1/15/2016
ROB-12443 SPARKFUN-ROB-12443 Datasheet
93Kb / 1P
Servo Hub - Standard (Hitec Standard)
1/15/2016
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
logo
IET Labs Inc.
1409 IET-1409 Datasheet
230Kb / 2P
Standard Capacitance Reference or Working Standard
Oct. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com