Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1371QESTTC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1371QESTTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
5 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Electrical Characteristics (Test conditions: VIN = VAUX = 12V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply and Reference Parameters
VUV-
Undervoltage Detection Threshold
Normal Ooperation to Switch Disabled
VIN or VAUX falling (Note 11)
—
4.5
—
V
VUV+
Undervoltage Detection Threshold
Switch Disabled to Normal Operation
VIN or VAUX rising (Note 11)
—
4.9
—
V
IQ-IN
Quiescent Current into VIN
PWM pin floating
Output not switching
—
1.5
3
mA
IQ-AUX
Quiescent Current into VAUX
—
150
300
µA
ISB-IN
Standby Current into VIN.
PWM pin grounded
for more than 15ms
—
90
150
µA
ISB-AUX
Standby Current into VAUX.
—
0.7
10
µA
VREF
Internal Reference Voltage
No load
1.237
1.25
1.263
V
VREF
Change in Reference Voltage with Output Current
Sourcing 1mA
-5
—
—
mV
Sinking 25µA
—
—
5
VREF_LINE Reference Voltage Line Regulation
VIN = VAUX, 8.0V<VIN = <60V
-60
-90
—
dB
VREF-TC
Reference Temperature Coefficient
—
—
±50
—
ppm/°C
DC-DC Converter Parameters
IADJ
ADJ Input Current (Note 12)
VADJ
≤ 1.25V
—
—
100
nA
VADJ = 5.0V
—
—
5
µA
VGI
GI Voltage threshold for Boost and Buck-Boost
Modes Selection (Note 12)
VADJ = 1.25V
—
—
0.8
V
IGI
GI Input Current (Note 12)
VGI
≤ 1.25V
—
—
100
nA
VGI = 5.0V
—
—
5
µA
IPWM
PWM Input Current
VPWM = 5.5V
—
36
100
µA
tPWMoff
PWM Pulse Width
(to enter shutdown state)
PWM input low
10
15
25
ms
TSDH
Thermal Shutdown Upper Threshold
(GATE output forced low)
Temperature rising
—
+150
—
°C
TSDL
Thermal Shutdown Lower Threshold
(GATE output re-enabled)
Temperature falling
—
+125
—
°C
High-Side Current Monitor (Pin ISM)
IISM
Input Current
Measured into ISM pin VISM = 12V
—
11
20
µA
VSENSE_acc Accuracy of nominal VSENSE Threshold Voltage
VADJ = 1.25V
—
±0.25
±2
%
VSENSE-OC Overcurrent Sense Threshold Voltage
300
350
375
mV
Notes:
11. UVLO levels are such that all ZXLD1371Q will function above 5.4V for rising supply voltages and function down to 5V for falling supply voltages.
12. The ADJ and GI pins have an internal clamp that limits the internal node to less than 3V. This provides some failsafe should those pins get
overdriven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com