Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ULN202L05G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULN202L05G-S14-R
Description  4-CH DARLINGTON SINK DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN202L05G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULN202L05G-S14-R Datasheet HTML 1Page - Unisonic Technologies ULN202L05G-S14-R Datasheet HTML 2Page - Unisonic Technologies ULN202L05G-S14-R Datasheet HTML 3Page - Unisonic Technologies ULN202L05G-S14-R Datasheet HTML 4Page - Unisonic Technologies ULN202L05G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULN202L05
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R101-037.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATING
UNIT
Power Dissipation (TA=25°C)
PD
0.9
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Darlington Sink Drivers
Output Sustaining Voltage
VOUT
-0.5 ~ 50
V
Input Voltage
VIN
-0.5 ~ 30
V
Clamp Diode Reverse Voltage
VR
50
V
Output Current
IOUT
500
mA/ch
Clamp Diode Forward Current
IF
500
mA
5V VOLTAGE REGULATOR
Input Voltage
VIN
30
V
Output Current
IOUT
200
mA
ELECTRICAL CHARACTERISTICS
Darlington Sink Drivers
(TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCE=50V, TA=25°C
50
Output Leakage Current
ILEAK
VCE=50V, TA=85°C
100
μA
IOUT=350mA, IIN=500μA
1.3
1.6
IOUT=200mA, IIN=350μA
1.1
1.3
Collector-Emitter Saturation Voltage VCEO(SAT)
IOUT=100mA, IIN=250μA
0.9
1.1
V
DC Current Transfer Ratio
hFE
VCE=2V, IOUT=350mA
1000
Input Current (Output On)
IIN (ON)
VIN=2.4V, IOUT=350mA
0.4
0.7
mA
Input Current (Output Off)
IIN (OFF)
IOUT=500µA, TA=85°C
50
65
μA
IOUT=350mA
2.6
Input Voltage (Output On)
VIN(ON)
VCE=2 V
IOUT=200mA
2.0
V
VR=50V, TA=25°C
50
Clamp Diode Reverse Current
IR
VR=50V, TA=85°C
100
μA
Clamp Diode Forward Voltage
VF
IF=350mA
2.0
V
Input Capacitance
CIN
15
pF
Turn-On Delay
tON
VOUT=50V, RL=125Ω, CL=15pF
0.1
Turn-Off Delay
tOFF
VOUT=50V, RL=125Ω, CL=15pF
0.2
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com